Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 25 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PS700 Datasheet HTML 21Page - Microchip Technology PS700 Datasheet HTML 22Page - Microchip Technology PS700 Datasheet HTML 23Page - Microchip Technology PS700 Datasheet HTML 24Page - Microchip Technology PS700 Datasheet HTML 25Page - Microchip Technology PS700 Datasheet HTML 26Page - Microchip Technology PS700 Datasheet HTML 27Page - Microchip Technology PS700 Datasheet HTML 28Page - Microchip Technology PS700 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 25
PS700
4.4.16
OpMode – OPERATION MODE CONTROL REGISTER
REGISTER 4-8:
OpMode: OPERATION MODE CONTROL REGISTER
(ADDRESS 7A HEX/DECIMAL 122)
SSLP
Reserved
SSLPdiv
Shelf
POR
sPOR
bit 7
bit 0
bit 7
SSLP: Sample-Sleep Enable bit
Setting this bit to a ‘1’ immediately enables Sample-Sleep mode. The low-power oscillator is
enabled and the A/D sampling rate is reduced. Clearing this bit to ‘0’ disables Sample-Sleep
mode.
1
= Sample-Sleep mode enabled
0
= Sample-Sleep mode disabled
bit 6
Reserved: Reserved bit location
bit 5-3
SSLPdiv: Sample-Sleep Divider bits
These bits set the interval between sampling of the A/D during Sample-Sleep. The timing is set
as: Sampling Interval = (.5 sec * 2 ** Sampdiv * 2 ** SSLPdiv)
bit 2
SHELF: Shelf-Sleep Enable bit
Writing a ‘1’ to this register will place the device in Shelf-Sleep mode. Volatile memory will not
be maintained. The Shelf-Sleep mode will not actually be entered until a SMBus Stop condition
occurs and then SDA and SCL go low.
bit 1
POR: Power-on Reset bit
A ‘1’ in this register indicates that a Power-on Reset has occurred. Write this register to ‘0’ to
clear this indicator.
bit 0
sPOR: Soft Power-on Reset bit
Writing a ‘1’ to this register will cause the device to re-initialize by writing the contents of the
EEPROM into all working registers.
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com