Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 11 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PS700 Datasheet HTML 7Page - Microchip Technology PS700 Datasheet HTML 8Page - Microchip Technology PS700 Datasheet HTML 9Page - Microchip Technology PS700 Datasheet HTML 10Page - Microchip Technology PS700 Datasheet HTML 11Page - Microchip Technology PS700 Datasheet HTML 12Page - Microchip Technology PS700 Datasheet HTML 13Page - Microchip Technology PS700 Datasheet HTML 14Page - Microchip Technology PS700 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 11
PS700
FIGURE 3-1:
SMBus DATA TRANSFER
Figure 3-1 details how data transfer is accomplished on
the SMBus. Depending upon the state of the R/W bit,
two types of data transfer are possible:
1.
Data transfer from a master transmitter to a
slave receiver: The first byte transmitted by the
master is the slave address. Next follows a
number of data bytes. The slave returns an
Acknowledge bit after each received byte.
2.
Data transfer from a slave transmitter to a
master receiver: The first byte (slave address)
is transmitted by the master. The slave then
returns an Acknowledge bit. Next follows a
number of data bytes transmitted by the slave to
the master. The master returns an Acknowledge
bit after all received bytes other than the last
byte. At the end of the last received byte, a ‘Not
Acknowledge’ is returned.
The master device generates all of the serial clock
pulses and the Start and Stop conditions. A transfer is
ended with a Stop condition or with a Repeated Start
condition. Since a Repeated Start condition is also the
beginning of the next serial transfer, the bus will not be
released.
The PS700 may operate in the following two modes:
1.
Slave Receiver mode: Serial data and clock
are received through SDA and SCL. After each
byte is received, an Acknowledge bit is transmit-
ted. Start and Stop conditions are recognized as
the beginning and end of a serial transfer.
Address recognition is performed by hardware
after reception of the slave address and
direction bit.
2.
Slave Transmitter mode: The first byte is
received and handled as in the Slave Receiver
mode. However, in this mode, the direction bit
will indicate that the transfer direction is
reversed. Serial data is transmitted on SDA by
the PS700 while the serial clock is input on SCL.
Start and Stop conditions are recognized as the
beginning and end of a serial transfer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com