Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 9 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 9 Page - Microchip Technology

Back Button PS700 Datasheet HTML 5Page - Microchip Technology PS700 Datasheet HTML 6Page - Microchip Technology PS700 Datasheet HTML 7Page - Microchip Technology PS700 Datasheet HTML 8Page - Microchip Technology PS700 Datasheet HTML 9Page - Microchip Technology PS700 Datasheet HTML 10Page - Microchip Technology PS700 Datasheet HTML 11Page - Microchip Technology PS700 Datasheet HTML 12Page - Microchip Technology PS700 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 9
PS700
3.2.3
SAMPLE-SLEEP MODE
In Sample-Sleep mode, the PS700 goes into the Sleep
state and wakes up at user-programmed intervals to
perform a set of conversions as programmed for the
A/D cycle. The purpose of Sample-Sleep is to achieve
the minimum power consumption possible while
periodically measuring specified parameters.
While the PS700 is in the Sleep portion of Sample-
Sleep interval, all of the analog circuitry is shut off. The
Sleep interval time is driven by an independent low-
power on-chip RC oscillator that is separate from the
primary oscillator. The Sleep oscillator consumes much
less power than the primary oscillator, but is less
accurate. While in Sample-Sleep mode, the device
consumes average current in the range of 20
µA.
During the active portion of Sample-Sleep mode, a
single set of conversions is performed and a Run mode
current in the range of 85
µA will be consumed for the
duration of the measurements.
Sample-Sleep mode is invoked by one of the following
actions:
1.
Cell voltage on VC1 or VC2 drops below the trip
point programmed in the VCtrip register with the
corresponding “VC1ent” or “VC2ent” bit set in
the TRIPctrl register. This action can be used to
prevent excessive battery discharge in the event
of a dangerously low cell voltage. Be aware that
Sample-Sleep will not be entered if the “lex” bit
is set, enabling wake-up based on charge
current and the measured current is above the
threshold set in the I+trip register.
2.
Setting the SSLP bit in the OpMode register.
The host can take this action when the system is
entering a low-power standby condition and it is
desired to periodically measure and accumulate
current, voltage, or temperature.
3.
Current less than the I-trip register value when
“Ient” bit is set in the TRIPctrl register.
The Sample-Sleep interval is determined by the
programming of the “Sampdiv” bits within the A/D Con-
figuration register, together with the “SSLPdiv” bits
within the OpMode register. The sample interval is
2**(Sampdiv) * 2**(SSLPdiv) * 0.5 sec. The possible
Sample-Sleep interval time, therefore, ranges from a
minimum of 0.5 sec to over 136 minutes.
Exit from Sample-Sleep mode to Run mode can be
accomplished by clearing the “SSLP” bit or by program-
ming a wake-up based on pack voltage or current.
Wake-up based on charge current will occur when the
“Iex” bit is set in the TRIPctrl register and the charging
current value is above the threshold programmed in the
I+trip register. Wake-up based on pack voltage will
occur when the “VPex” bit is set in the TRIPctrl register
and the pack voltage rises above the threshold
programmed in the SStrip register.
3.2.4
SHELF-SLEEP MODE
Shelf-Sleep mode is the lowest power mode and is
intended to preserve battery capacity when the battery
pack is shipped or stored or if the battery voltage drops
below a specified threshold. While in Shelf-Sleep
mode, no measurements occur, no accumulation is
performed
and
no
SMBus
communications
are
recognized. In addition, volatile memory is not
maintained.
Entry to Shelf-Sleep mode is enabled by programming
the “SHent” bit = 1 or if VPACK is less than VPtrip. The
Shelf-Sleep mode will then be entered when the
SMBus pins (both SDA and SCL) drop from a high to a
low level for a minimum time period specified by tSHELF.
This action will also occur if the battery pack is
physically disconnected from the system.
Exit from the Shelf-Sleep mode back to Run mode will
occur when the SMBus pins (both SDA and SCL) are
both pulled from a low to high condition and remain
high for a minimum time of tWAKE, signifying system
activity or the connection of the pack to the host.
3.3
General Purpose Input/Outputs
The NTC and VC2 pins have alternate functions of
general purpose I/O; IO0 and IO1, respectively. These
pins can be configured as digital general purpose
inputs/outputs if their normal application functions of
temperature and cell monitoring are not needed. Their
configuration is controlled in the GPIOctrl register.
The IO0 (NTC) pin may be configured as a push-pull
output, an open-drain driver with internal pull-up, or as
a tri-stated pin. When configured as a push-pull or
open-drain output, the output high voltage is the 3.0V
internally regulated supply. When the output function is
disabled, an external circuit may drive the pin as an
input with a voltage range of 0-3.0V. The input function
may be used whether or not the pin is driven by the
PS700. In addition, the input function may be disabled,
in which case the input buffer is powered down,
preventing current drain if the NTC pin rests at an
intermediate level.
The IO1 (VC2) pin is similar to that of NTC except it is
an open-drain output only. IO1 has no explicit output
enable control; therefore, if the output is set to a logic
‘1’, the internal pull-down is turned off which tri-states
the pin. The input function is the same as IO0.
Note:
If the IO0 and/or IO1 pins are being used
for their analog functions, their respective
GPIO output and input functions must be
disabled. The GPIO function may be
totally disabled by clearing the appropriate
GPIOctrl bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com