Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 20 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PS700 Datasheet HTML 16Page - Microchip Technology PS700 Datasheet HTML 17Page - Microchip Technology PS700 Datasheet HTML 18Page - Microchip Technology PS700 Datasheet HTML 19Page - Microchip Technology PS700 Datasheet HTML 20Page - Microchip Technology PS700 Datasheet HTML 21Page - Microchip Technology PS700 Datasheet HTML 22Page - Microchip Technology PS700 Datasheet HTML 23Page - Microchip Technology PS700 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
PS700
DS21760F-page 20
 2004 Microchip Technology Inc.
4.4.11
A/D CONTROL REGISTERS
The eight A/D Control registers are defined as follows.
TABLE 4-3:
A/D CONTROL REGISTERS
The following register defines the bits contained in the eight A/D Control registers.
REGISTER 4-3:
A/D CONTROL REGISTERS
A/D Reg. #
Name
Function
Location (HEX)
ADc0
Ictrl
Current measurement control
42
ADc1
ITctrl
Internal temperature measurement control
46
ADc2
ETctrl
External temperature measurement control
4A
ADc3
VPctrl
Pack voltage measurement control
4E
ADc4
VC1ctrl
VC1 voltage measurement control
52
ADc5
VC2ctrl
VC2 voltage measurement control
56
ADc6
OFFSctrl
Offset measurement control
5A
ADc7
AUXctrl
Auxiliary measurement control
5E
Enable
Resolution
Reference
Select
bit 7
bit 0
bit 7
Enable: A/D Measurement Enable bit
A ‘1’ in this bit enables the measurement defined by bits 0-6.
bit 6-4
Resolution: A/D Resolution Selection bits
These three bits control the resolution of the conversion performed for the corresponding A/D
Result register as follows:
Resolution = 0: 8-bit + sign conversion
Resolution = 1: 9-bit + sign conversion
Resolution = 2: 10-bit + sign conversion
Resolution = 3: 11-bit + sign conversion
Resolution = 4: 12-bit + sign conversion
Resolution = 5: 13-bit + sign conversion
Resolution = 6: 14-bit + sign conversion
Resolution = 7: 15-bit + sign conversion
bit 3
Reference: A/D Reference Selection bit
Reference = 0: VR = 170 mV
Reference = 1: VR = 340 mV
bit 2-0
Select: A/D Input Selection bits
Selects the analog mux input for the pending conversion as follows:
Select = 0: Current (SR pin voltage)
Select = 1: Internal temperature sensor
Select = 2: External temperature sensor (NTC pin voltage)
Select = 3: VPACK (pack voltage)
Select = 4: VC1 voltage
Select = 5: VC2 voltage
Select = 6: Offset voltage
Select = 7: Offset voltage
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com