Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 32 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PS700 Datasheet HTML 28Page - Microchip Technology PS700 Datasheet HTML 29Page - Microchip Technology PS700 Datasheet HTML 30Page - Microchip Technology PS700 Datasheet HTML 31Page - Microchip Technology PS700 Datasheet HTML 32Page - Microchip Technology PS700 Datasheet HTML 33Page - Microchip Technology PS700 Datasheet HTML 34Page - Microchip Technology PS700 Datasheet HTML 35Page - Microchip Technology PS700 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
PS700
DS21760F-page 32
 2004 Microchip Technology Inc.
TABLE 6-3:
AC CHARACTERISTICS (TA = -20°C TO +85°C; VDD (INTERNAL) = +3.3V ± 10%)
TABLE 6-4:
AC CHARACTERISTICS – SMBus (TA = -20°C TO +85°C; VDD (INTERNAL) = +3.3V ± 10%)
Note 1:
tHIGH max. provides a simple, ensured method for devices to detect bus Idle conditions.
2:
tLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message from
the initial start to the stop.
3:
tLOW:MEXT is the cumulative time a master device is allowed to extend its clock cycles within each byte of a
message as defined from Start-to-Ack, Ack-to-Ack or Ack-to-Stop.
4:
Rise and fall time is defined as follows: tR = (VILMAX – 0.15) to (VIHMIN + 0.15)
tF = 0.9VDD to (VILMAX – 0.15)
TABLE 6-5:
A/D CONVERTER CHARACTERISTICS (TA = -20°C TO +85°C;
VREG (INTERNAL) = +3.3V ±10%)
Note 1:
Voltage is internal at A/D converter inputs. VSR and VNTC are measured directly. VC(x) inputs are measured
using internal level translation circuitry that scales the input voltage range appropriately for the converter.
Symbol
Description
Min
Typ.
Max
Units
Condition
fRC
Internal RC Oscillator Frequency
130,613
131,072
131,530
Hz
fA/D
Internal A/D Operating Clock
—
fRC/4
—
Hz
tPOR
Power-on Reset Delay
—
2
10
ms
Delay from time when VC1
voltage exceeds 2.7V
tSHELF
Delay to entry of Shelf-Sleep mode
1
—
—
ms
(SHent = 1 or VPACK < VPtrip)
and (SDA and SCL go low)
tWAKE
Delay to exit of Shelf-Sleep mode
1
—
—
ms
SDA and SCL go high
Symbol
Description
Min
Typ.
Max
Units
Condition
fSMB
SMBus Clock Operating Frequency
10
—
100
kHz
Slave mode
tBUF
Bus Free Time between Start and Stop
4.7
—
—
µs
tSHLD
Bus Hold Time after Repeated Start
4.0
—
—
µs
tSU:STA
Setup Time before Repeated Start
4.7
—
—
µs
tSU:STOP
Stop Setup Time
4.0
—
—
µs
tHLD
Data Hold Time
0
—
—
ns
tSETUP
Data Setup Time
250
—
—
ns
tLOW
Clock Low Period
4.7
—
—
µs
tHIGH
Clock High Period
4.0
—
50
µs
(Note 1)
tLOW:SEXT
Message Buffering Time
—
—
10
ms
(Note 2)
tHIGH:MEXT
Message Buffering Time
—
—
10
ms
(Note 3)
tF
Clock/Data Fall Time
—
—
300
ns
(Note 4)
tR
Clock/Data Rise Time
—
—
1000
ns
(Note 4)
Symbol
Description
Min
Typ.
Max
Units
Condition
ADRES
A/D Converter Resolution
9
—
16
bits
(Note 1)
tCONV
A/D Conversion Measurement Time, n-bit
—
2(n + 1)/fA/D
—s
VADIN
A/D Converter Input Voltage Range (internal)
-152
—
152
mV
VR = 170 mV
0
—
309
mV
VR = 340 mV
EVGAIN
Supply Voltage Gain Error
—
—
0.100
%
EVOFFSET Compensated Offset Error
—
—
0.100
%
ETEMP
Temperature Gain Error
—
—
0.100
%
EINL
Integrated Nonlinearity Error
—
—
0.004
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com