Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 1 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 1 Page - Microchip Technology

  PS700 Datasheet HTML 1Page - Microchip Technology PS700 Datasheet HTML 2Page - Microchip Technology PS700 Datasheet HTML 3Page - Microchip Technology PS700 Datasheet HTML 4Page - Microchip Technology PS700 Datasheet HTML 5Page - Microchip Technology PS700 Datasheet HTML 6Page - Microchip Technology PS700 Datasheet HTML 7Page - Microchip Technology PS700 Datasheet HTML 8Page - Microchip Technology PS700 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 1
PS700
Features
• Measures, maintains and reports all critical
rechargeable battery parameters with high
accuracy
• Supports Lithium (1-cell and 2-cell) battery packs
• Current measurement with 16-bit integrating A/D
accurate to less than ±0.5% error
• Temperature measurement accurate to within
±2°C absolute, using on-chip temperature sensor
or external thermistor
• Accumulation of charge current, discharge
current, temperature and voltage in independent
32-bit registers
• 512-byte nonvolatile EEPROM stores factory
programmed, measured and user-defined
parameters
• In-system offset calibration compensates for
offset error in current measurement
• Industry standard SMBus/I2C™ compatible 2-wire
communications interface
• 8-pin TSSOP package
•-20°C to +85°C operating temperature range
• NTC pin can be configured as a thermistor input
or GPIO
• VC2 pin can be configured as a cell input or a
GPIO
• Flexible power operating modes allow low-power
monitoring of battery conditions during system full
operating and standby conditions:
- Run: Continuous Conversion; 80
µA typ.
- Sample: Sample interval from
0.5-64s @ 45
µA typ.
- Sample-Sleep: Sample interval from
0.5-138s min. @ 20
µA typ.
• Shelf-Sleep mode reduces power consumption
during pack storage conditions to 300 nA typ.,
with automatic wake-up upon pack insertion
Pin Description
Pin Summary
Pin Name
Description
VC2/IO1
Cell voltage input for cell 2 in a
2-series Li Ion pack or general
purpose I/O #1
VC1
Cell voltage input for cell 1
SCL
SMBus clock line
SDA
SMBus data l/O
ROSC
Oscillator bias resistor
NTC/IO0
External thermistor connection or
general purpose I/O #0
GND
Power supply ground
SR
Sense resistor input
ROSC
PS700
1
SCL
2
3
GND
4
8
7
6
5
VC1
VC2/IO1
NTC/IO0
SR
SDA
8-pin 150 mil
TSSOP Package
Battery Monitor


Similar Part No. - PS700

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PS7032 PREMO-PS7032 Datasheet
129Kb / 7P
SMD Power Inductors Shielded
PS7032-100M PREMO-PS7032-100M Datasheet
129Kb / 7P
SMD Power Inductors Shielded
PS7032-101M PREMO-PS7032-101M Datasheet
129Kb / 7P
SMD Power Inductors Shielded
PS7032-102M PREMO-PS7032-102M Datasheet
129Kb / 7P
SMD Power Inductors Shielded
PS7032-150M PREMO-PS7032-150M Datasheet
129Kb / 7P
SMD Power Inductors Shielded
More results

Similar Description - PS700

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK65010 TOKO-TK65010 Datasheet
51Kb / 8P
BATTERY VOLTAGE MONITOR
logo
Dallas Semiconductor
DS2438 DALLAS-DS2438 Datasheet
351Kb / 29P
Smart Battery Monitor
logo
Maxim Integrated Produc...
DS2438Z MAXIM-DS2438Z Datasheet
432Kb / 29P
Smart Battery Monitor
070605
DS2438AZ MAXIM-DS2438AZ Datasheet
432Kb / 29P
Smart Battery Monitor
070605
logo
ON Semiconductor
ENA2031 ONSEMI-ENA2031 Datasheet
181Kb / 10P
Battery Monitor IC
May, 2013 Ver.1.5
ENA2173 ONSEMI-ENA2173 Datasheet
201Kb / 10P
Battery Monitor IC
April, 2013
logo
Analog Devices
ADBMS6817 AD-ADBMS6817 Datasheet
72Kb / 2P
Multicell Battery Monitor
logo
Maxim Integrated Produc...
DS2438 MAXIM-DS2438 Datasheet
389Kb / 29P
Smart Battery Monitor
070605
DS2437 MAXIM-DS2437 Datasheet
1Mb / 31P
Smart Battery Monitor
070600
logo
Analog Devices
ADBMS6816 AD-ADBMS6816 Datasheet
247Kb / 2P
Multicell Battery Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com