Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 5 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 5 Page - Microchip Technology

  PS700 Datasheet HTML 1Page - Microchip Technology PS700 Datasheet HTML 2Page - Microchip Technology PS700 Datasheet HTML 3Page - Microchip Technology PS700 Datasheet HTML 4Page - Microchip Technology PS700 Datasheet HTML 5Page - Microchip Technology PS700 Datasheet HTML 6Page - Microchip Technology PS700 Datasheet HTML 7Page - Microchip Technology PS700 Datasheet HTML 8Page - Microchip Technology PS700 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 5
PS700
3.0
OPERATIONAL DESCRIPTION
3.1
A/D and Accumulator/Timer
Operation
3.1.1
A/D CONVERSION CYCLE
When the A/D converter is enabled and active, it
repeatedly performs a cycle of 1 to 8 conversions as
programmed by the user through 8 A/D Control
registers. These registers determine the input source,
resolution, reference voltage source and sequence of
conversions during an A/D converter cycle. During the
cycle, the A/D logic accesses each register in
sequence and performs the conversion specified by the
bits within the register. This register contains an enable
bit, a resolution field, a select bit for a single-ended or
differential reference and a select field for the analog
input mux. The results from each conversion are stored
in one of eight corresponding16-bit result registers.
If the “enable” bit is set within a control register, a
conversion will be performed. If it is disabled, that
conversion will be skipped and the logic will move on to
the next register. In this manner, the user can specify a
sequence of conversions that will be performed during
each A/D cycle.
As stated above, the input source for each of the
registers is programmable. The 3-bit mux field within
each control register selects one of seven possible
input sources for the A/D conversion. The list of input
sources is as follows:
• Charge/Discharge Current (voltage from SR pin to
GND)
• Internal Temperature Sensor
• External Thermistor (constant current source on
NTC pin)
• Battery Pack Voltage
• VC1 Voltage
• VC2 Voltage
• A/D Offset (conversion performed with input
shorted internally to determine offset error
associated with the converter)
However, the accumulator/timer functions are “hard
wired” to specific A/D Result registers. For this reason,
the control/result registers are given names which
indicate their primary intended usage (see Table 3-1).
TABLE 3-1:
A/D CONTROL/RESULT REGISTERS
The 3-bit “resolution” field in each A/D Control register
determines the resolution of the conversion, from a
minimum of 9 bits (8 bits plus sign bit) to a maximum of
16 bits (15 bits plus sign bit). The time required to
complete the conversion is a function of the number of
bits of resolution (n) selected. The conversion time can
be calculated as follows:
TADC = 30.52
µs * 2n
where:
“n” is the number of bits of resolution selected
The “Ref” bit selects the magnitude of the reference
voltage. Either a ±340 mV or a ±170 mV reference is
available. The ±170 mV reference is typically used for
current readings and the ±340 mV reference for all
other measurements.
The value of the LSB can be expressed as a function of
the resolution selected as follows:
A/D LSB = 680/340 mV/2n
where:
“n” is the number of bits of resolution selected
The result value is given in sign/magnitude format (i.e.,
a sign bit with a 15-bit magnitude).
A/D Register #
Control Register
Result Register
Intended Input Source
0
Ictrl
Ires
Battery Pack Current (via sense resistor)
1
ITctrl
ITres
Internal Temperature Sensor
2
ETctrl
ETres
External Temperature Sensor
3
VPctrl
VPres
Battery Pack Voltage (VC1 to GND)
4
VC1ctrl
VC1res
Battery Cell Voltage (VC1 to VC2)
5
VC2ctrl
VC2res
Battery Cell Voltage (VC2 to GND)
6
OFFSctrl
OFFSres
Internal A/D Offset Voltage (A/D input automatically
internally shorted to GND)
7
AUXctrl
AUXres
Any
15
0
S
Magnitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com