Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 28 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 28 Page - Microchip Technology

Back Button PS700 Datasheet HTML 24Page - Microchip Technology PS700 Datasheet HTML 25Page - Microchip Technology PS700 Datasheet HTML 26Page - Microchip Technology PS700 Datasheet HTML 27Page - Microchip Technology PS700 Datasheet HTML 28Page - Microchip Technology PS700 Datasheet HTML 29Page - Microchip Technology PS700 Datasheet HTML 30Page - Microchip Technology PS700 Datasheet HTML 31Page - Microchip Technology PS700 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
PS700
DS21760F-page 28
 2004 Microchip Technology Inc.
TABLE 4-6:
PS700 FACTORY REGISTER INITIALIZATION
Function
Byte 3
Byte 2
Byte 1
Byte 0
Bank:Address
(Byte 0)
Operational
Registers:
Accumulators/
Timers
A/D Registers
Mode Control
DCA: 0x00000000
1:0x020
DTC: 0x00000000
1:0x024
CCA: 0x00000000
1:0x028
CTC: 0x00000000
1:0x02C
TA: 0x00000000
1:0x030
TAT: 0x00000000
1:0x034
VC2A: 0x00000000
1:0x038
VC2T: 0x00000000
1:0x03C
ADCONFIG:
00000000b = 0x00
Ictrl (ADc0):
01110000b = 0x70
Ires (ADr0):
0x0000
1:0x040
Reserved
0x00
ITctrl (ADc1):
00101001b = 0x29
ITres (ADr1):
0x0000
1:0x044
ETctrl (Adc2):
00101010b = 0x2A
ETres (ADr2):
0x0000
1:0x048
VPctrl (ADc3):
00101011b = 0x2B
VPres (ADr3):
0x0000
1:0x04C
GPIOctrl
VC1ctrl (ADc4):
00100100b = 0x24
VC1res (ADr4):
0x0000
1:0x050
Reserved:
0x00
VC2ctrl (ADc5):
00100101b = 0x25
VC2res (ADr5):
0x0000
1:0x054
OFFSctrl (ADc6):
01110110b = 0x76
OFFSres (ADr6):
0x0000
1:0x058
AUXctrl (ADc7):
00000110b = 0x06
AUXres (ADr7):
0x0000
1:0x05C
Accumctrl:
00000000b = 0x00
ACCclr:
00000000b = 0x00
I+trip:
0x0000
1:0x060
Reserved:
0x00
Reserved:
0x00
I-trip:
0x0000
1:0x064
VPtrip:
0x0000
1:0x068
VCtrip:
0x0000
1:0x06C
SStrip:
0x0000
1:0x070
TRIPctrl:
00000000b = 0x00
Reserved:
0x00
1:0x074
OpMode:
00000000b = 0x00
1:0x078
Reserved:
00000000b = 0x00
1:0x07C
Cal/Setup
Registers
MOsct:
0xxxxxxxb
(‘xxxxxxx’ = factory
trim value)
VREFT:
0xxxxxxxb
(‘xxxxxxx’ = factory
trim value)
VBGT:
0000xxxxb
(‘xxxx’ = factory
trim value)
SMBAdd:
00010110b
2:0x080
Reserved:
0x00
AOsct:
000xxxxxb
(‘xxxxxxx’ = factory
trim value)
Reserved:
0x00
Reserved:
0x00
2:0x084



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com