Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 6 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PS700 Datasheet HTML 2Page - Microchip Technology PS700 Datasheet HTML 3Page - Microchip Technology PS700 Datasheet HTML 4Page - Microchip Technology PS700 Datasheet HTML 5Page - Microchip Technology PS700 Datasheet HTML 6Page - Microchip Technology PS700 Datasheet HTML 7Page - Microchip Technology PS700 Datasheet HTML 8Page - Microchip Technology PS700 Datasheet HTML 9Page - Microchip Technology PS700 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
PS700
DS21760F-page 6
 2004 Microchip Technology Inc.
3.1.2
CURRENT MEASUREMENT
Charge and discharge currents are measured using a
5 to 600 m
Ω sense resistor that is connected between
the SR and GND pins. The maximum input voltage at
SR is ±150 mV. The sense resistor should be properly
sized to accommodate the systems lowest and highest
expected charge and discharge currents including
suspend and/or standby currents.
In order to perform charge and discharge current
measurements, the Ictrl register must be programmed
with the SR pin as the analog input source. If charge
and discharge accumulation is desired, the Ictrl and
corresponding Ires registers should be used to select
current measurement since the DCA, DTC, CCA and
DCA registers are updated by the measurement results
from the Ires register.
Ictrl programming in a typical application is as follows.
TABLE 3-2:
Ictrl PROGRAMMING
Using the maximum resolution of 16 bits, the voltage
value of the LSB is:
A/D LSB = 340 mV/216 = 5.19
µV
Using a sense resistor value of 20 m
Ω, the value of the
LSB in units of current is:
5.19
µV/20 mΩ = 259 µA
3.1.3
VOLTAGE MEASUREMENTS
Analog mux inputs are provided to support measure-
ment of individual cell and battery pack voltages. A/D
control registers VPctrl, VC1ctrl and VC2ctrl are used
to specify the measurement to be made. In typical
applications, voltage measurement at the cell or pack
level is done using the +340 mV reference and a
resolution of 10 bits plus sign bit.
The value of the LSB in a pack voltage measurement
using a 340 mV reference voltage is given by the formula:
VPACK LSB = 10.2V/2n
Where “n” is the resolution selected. For typical
applications where n = 10:
VPACK LSB = 10.2V/210 = 10.2V/1024 = 9.96 mV
The value of the LSB in a cell voltage measurement
using a 340 mV reference voltage is given by the
formula:
VCELL LSB = 6.23V/2n
Where “n” is the resolution selected. For typical
applications where n = 10:
VCELL LSB = 6.23V/210 = 6.23V/1024 = 6.08 mV
The following table shows LSB values for 9-bit plus
sign resolution, so n = 9.
TABLE 3-3:
LSB VALUES FOR 10-BIT
RESOLUTION
VPctrl programming in a typical application is as
follows.
TABLE 3-4:
VPctrl PROGRAMMING
The input source fields for the VPctrl, VC1ctrl and
VC2ctrl registers must be programmed to select pack
voltage (on VC1), VC1 cell voltage and VC2 cell
voltage in order for these registers to control their
intended measurements.
3.1.4
TEMPERATURE MEASUREMENTS
A/D input channels are provided for temperature mea-
surement using either the internal temperature sensor
or an external thermistor.
3.1.4.1
Internal Temperature
The output of the internal temperature sensor is a volt-
age range with limits that correspond to operating
temperature limits as follows:
-20°C
→ 239 mV
+70°C
→ 312 mV
The output voltage of the internal sensor as a function
of temperature can be given as:
VIT (mV) = 239 + 0.82 * (T + 20)
Defined within the ITctrl registers are the settings for
the reference utilized and the resolution desired for
measurement of temperature using the internal tem-
perature sensor. Because of input voltage range
described above, the 340 mV reference should be
selected. Typically, 10-bit plus sign of resolution are
selected which results in the following temperature
resolution:
LSB (Voltage) = Full Scale Range/# of steps
= 340 mV/210 = 332
µV/LSB
LSB (°C)
= 332
µV/LSB * (1 / 820) °C/µV
= 0.404°C/LSB
Bit(s)
Name
Value
Function
7En
1
Enables A/D conversion
6-4
Res
111
Selects 16-bit resolution
3Ref
0
Selects ±170 mV reference
2-0
Sel
000
Selects VSR as converter input
Measurement
VR
Divider
Bits
LSB
VPACK
340
1/30
9 + sign
19.92
VCELL
340
1/18.33
9 + sign
12.17
Bit(s)
Name
Value
Function
7En
1
Enables A/D conversion
6-4
Res
001
Selects 10-bit resolution
3Ref
1
Selects ±340 mV reference
2-0
Sel
011
Selects VSR as converter input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com