Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 30 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PS700 Datasheet HTML 26Page - Microchip Technology PS700 Datasheet HTML 27Page - Microchip Technology PS700 Datasheet HTML 28Page - Microchip Technology PS700 Datasheet HTML 29Page - Microchip Technology PS700 Datasheet HTML 30Page - Microchip Technology PS700 Datasheet HTML 31Page - Microchip Technology PS700 Datasheet HTML 32Page - Microchip Technology PS700 Datasheet HTML 33Page - Microchip Technology PS700 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
PS700
DS21760F-page 30
 2004 Microchip Technology Inc.
REGISTER 5-3:
VREFT: VOLTAGE REFERENCE TRIM REGISTER
(ADDRESS 82 HEX/130 DECIMAL)
REGISTER 5-4:
MOsct: MAIN OSCILLATOR TRIM REGISTER (ADDRESS 83 HEX/131 DECIMAL)
REGISTER 5-5:
AOsct: AUXILIARY OSCILLATOR TRIM REGISTER
(ADDRESS 86 HEX/134 DECIMAL)
GPIOen1
GPIOen0
VREFT
bit 7
bit 0
bit 7
GPIOen1: Enable VCELL2 as GPIO bit
Writing this bit to a ‘1’ will configure the VCELL2 pin as a GPIO. If enabled as GPIO, the
accumulation function in the Accumctrl register and the trip function in the TRIPctrl register
should be disabled.
bit 6
GPIOen0: Enable NTC as GPIO bit
Writing this register to a ‘1’ will configure the NTC pin as a GPIO. If enabled as GPIO, the
accumulation function in the Accumctrl register should be disabled.
bit 5-0
VREFT: Voltage Reference Trim bits
Bits 5-0 of this register store the trim value for both the +340 mV and +170 mV references. This
value is factory programmed.
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit
ROSC_sel
MOsct
bit 7
bit 0
bit 7
ROSC_sel: Resistor Oscillator Select bit
Writing this register to a ‘1’ requires the use of a low temperature coefficient 221 k
Ω resistor on
the ROSC pin. Writing this register to a ‘0’ will allow the use of an internal 221 k
Ω resistor. (The
precision of the internal time base will be affected by the selection of the resistor with the lowest
variance of resistance over the systems operating range.)
bit 6-0
MOsct: Main Oscillator Trim bits
Bits 0-6 of this register are used to trim the internal time base. This value is factory programmed.
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit
Reserved
AOsct
bit 7
bit 0
bit 7-5
Reserved: Reserved bit location
bit 4-0
AOsct: Auxiliary Oscillator Trim bits
Trim bits for the secondary oscillator used in low-power modes.
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com