Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 16 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PS700 Datasheet HTML 12Page - Microchip Technology PS700 Datasheet HTML 13Page - Microchip Technology PS700 Datasheet HTML 14Page - Microchip Technology PS700 Datasheet HTML 15Page - Microchip Technology PS700 Datasheet HTML 16Page - Microchip Technology PS700 Datasheet HTML 17Page - Microchip Technology PS700 Datasheet HTML 18Page - Microchip Technology PS700 Datasheet HTML 19Page - Microchip Technology PS700 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
PS700
DS21760F-page 16
 2004 Microchip Technology Inc.
TABLE 4-2:
P7 EEPROM
ADR
Name
LEN
Units
DFLT
Description
Unused
0x00
(available)
(32)
—
(not used)
Factory
0x88
PATTERN
2
—
EEPROM Pattern ID
0x8A
TESTER_ID
2
—
Tester Program ID/Version
0x8C
CAL_STATUS
1
—
0
Bit Flags – Calibration Status
0x8D
CF_CURR
2
—
Calibration Factor – Gain – Current
0x8F
CO_CURR
1
A/D
Calibration Factor – Offset – Current
0x90
CF_PACK
2
—
Calibration Factor – Gain – Pack
0x92
CF_VCELL1
2
—
Calibration Factor – Gain – VCELL1
0x94
CF_VCELL2
2
—
Calibration Factor – Gain – VCELL2
0x96
CO_PACK
1
A/D
Calibration Factor – Offset – Pack
0x97
CO_VCELL1
1
A/D
Calibration Factor – Offset – VCELL1
0x98
CO_VCELL2
1
A/D
Calibration Factor – Offset – VCELL2
0x99
CF_TEMPI
2
—
Calibration Factor – Gain – Internal Temperature
0x9B
CO_TEMPI
2
—
Calibration Factor – Offset – Internal Temperature
0x9D
CF_TEMPE
2
—
Calibration Factor – Gain – External Temperature
0x9F
CO_TEMPE
2
—
Calibration Factor – Offset – External Temperature
0xA1
RESERVED
4
—
Reserved
TOTAL
29
Fuel Gauge
0xA5
VERSION
2
N/A
0x0101
Fuel Gauge Version Number
0xA7
VEOD
2
mV
EOD Voltage Threshold
0xA9
VEOC
2
mV
EOC Voltage Threshold
0xAB
IEOC
2
mA
EOC Current Threshold
0xAD
EOD_CAP
2
mAh
EOD Capacity
0xAF
MODE
1
bits
Fuel Gauge Mode Bits
0xB0
SERIAL_NO
2
N/A
Serial Number – Battery ID
0xB2
CAP_FULL
2
mAh
Full Charge Capacity
0xB4
CYCLES
2
cycles
Cycle Count
0xB6
VEOD_C
3
XmA
VEOD LUT Current Axis
0xB9
VEOD_T
7
XdegC
VEOD LUT Temperature Axis
0xC0
VEOD
32
XmV
VEOD Voltage Threshold(s)
0xE0
RCAP_T
7
XdegC
RCAP LUT – Residual Capacity Temperature Axis
0xE7
RCAP
8
XmAh
Residual Capacity
TOTAL
74
Unused
0xEF
(available)
(17)
(not used)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com