Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 33 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PS700 Datasheet HTML 29Page - Microchip Technology PS700 Datasheet HTML 30Page - Microchip Technology PS700 Datasheet HTML 31Page - Microchip Technology PS700 Datasheet HTML 32Page - Microchip Technology PS700 Datasheet HTML 33Page - Microchip Technology PS700 Datasheet HTML 34Page - Microchip Technology PS700 Datasheet HTML 35Page - Microchip Technology PS700 Datasheet HTML 36Page - Microchip Technology PS700 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 33
PS700
FIGURE 6-1:
SMBus AC TIMING DIAGRAMS
TABLE 6-6:
SILICON TIME BASE CHARACTERISTICS (TA = -20°C TO +85°C;
VREG (INTERNAL) = +3.3V ±10%
)
TABLE 6-7:
TEMPERATURE MEASUREMENT ACCURACY (TA = -20°C TO +85°C;
VREG (INTERNAL) = +3.3V ±10%
)
tHD:STA
tBUF
tLOW
tR
tHD:STA
tHIGH
tSU:DAT
tF
tSU:STA
tSU:STO
PS
S
P
SCL
SDA
SCL
SDA
tLOW:MEXT
SCLACK
Note: SCLACK is the Acknowledge related clock pulse generated by the master.
SCLACK
tLOW:MEXT
tLOW:MEXT
tLOW:SEXT
tSU:STA
Symbol
Description
Min
Typ.
Max
Units
Condition
ETIME
Silicon Time Base Error
0.35
%
Bias resistor ROSC tolerance = 1%,
TL = ±25 ppm
Symbol
Description
Min
Typ.
Max
Units
Condition
TRES
Reported Temperature Resolution
—
1
—
°K
TACC
Reported Temperature Accuracy
-3
—
3
°K
TDRIFT
Reported Temperature Drift
—
-2
—
°K/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com