Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 35 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 35 Page - Microchip Technology

Back Button PS700 Datasheet HTML 30Page - Microchip Technology PS700 Datasheet HTML 31Page - Microchip Technology PS700 Datasheet HTML 32Page - Microchip Technology PS700 Datasheet HTML 33Page - Microchip Technology PS700 Datasheet HTML 34Page - Microchip Technology PS700 Datasheet HTML 35Page - Microchip Technology PS700 Datasheet HTML 36Page - Microchip Technology PS700 Datasheet HTML 37Page - Microchip Technology PS700 Datasheet HTML 38Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
 2004 Microchip Technology Inc.
DS21760F-page 35
PS700
APPENDIX A:
PS700 DATA SHEET
REVISION HISTORY
Revision A-B (July 2003)
Removed Preliminary condition tag. Updated Figure 3-3
(page 13). Changed format of all operational registers in
Section 4.4 “Operational Registers”.
Revision B-C (April 2004)
Removed PEC – pages 1, 10, 12 (Figure 3-2) and 13
(Figure 3-3). Removed NiMH 3-6 cell – pages 1, 2 and
4. Updated Figure 1-2 – page 3. Removed independent
A/D input on pin 1 – page 3. Changed resolution nomen-
clature to bit + sign – pages 5 and 20 (Register 4-3).
Added Table 3-3 – page 6. Added Section 3.1.4.1
“Internal Temperature” and Section 3.1.4.2 “External
Temperature”. In Section 3.2.2 “Sample Mode”,
added Sample-Sleep entry exception – page 9. Updated
memory map, Table 4-1 – page 15. Added Table 4-2:
PS700 EEPROM Map – page 16. Changed SMBus
address factory default from 0x06 to 0x16 – pages 27
and 28.
Revision C-D (May 2004)
Operating temperature typo correction, 70°C to 85°C –
pages 32 and 33.
Revision D-E (July 2004)
Corrected errors in Section 3.1.4.2 “External
Temperature”. Changed internal to external and
corrected VEX equation. Added Appendix A “Revision
History”. Changed value of Bits column in Table 3-3
from “10” to “9 + sign”. Changed reference to “10 bits of
resolution” in Section 3.1.4.1 “Internal Temperature”
to “10-bit plus sign of resolution”. Changed references to
“16 bits of resolution” in Section 3.1.6 “Accumulation/
Timing” to “15-bit plus sign”. Added information to
Section 4.2 “EEPROM” about temperature and voltage
limits for data EEPROM writes.
Revision F (August 2004)
Corrected errors in Features section, Shelf-Sleep mode.
Corrected errors in Section 2.6 “A/D Converter” and
Section 3.1.1 “A/D Conversion Cycle”. Updated
accumulator equation in Section 3.1.6 “Accumulation/
Timing”. Changed VSR values in Table 6-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com