Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS700 Datasheet(PDF) 26 Page - Microchip Technology

Part # PS700
Description  Battery Monitor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS700 Datasheet(HTML) 26 Page - Microchip Technology

Back Button PS700 Datasheet HTML 22Page - Microchip Technology PS700 Datasheet HTML 23Page - Microchip Technology PS700 Datasheet HTML 24Page - Microchip Technology PS700 Datasheet HTML 25Page - Microchip Technology PS700 Datasheet HTML 26Page - Microchip Technology PS700 Datasheet HTML 27Page - Microchip Technology PS700 Datasheet HTML 28Page - Microchip Technology PS700 Datasheet HTML 29Page - Microchip Technology PS700 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
PS700
DS21760F-page 26
 2004 Microchip Technology Inc.
4.4.17
TRIPctrl – TRIP CONTROL REGISTERS
REGISTER 4-9:
TRIPctrl: TRIP CONTROL REGISTERS (ADDRESS 76 HEX/118 DECIMAL)
lex
lent
VPex
VC1ent
VC2ent
SHent
Reserved
OV
bit 7
bit 0
bit 7
Iex: Current Exit from Sample-Sleep Mode bit
A ‘1’ in this register will enable an exit from Sample-Sleep mode upon the following condition:
|current| > I+trip.
bit 6
Ient: Enter Sample-Sleep Mode on Current bit
A ‘1’ in this register will enable entry to Sample-Sleep mode under the following condition:
|current| < I-trip.
bit 5
VPex: Pack Voltage Exit from Sample-Sleep Mode bit
A ‘1’ in this register will enable an exit from Sample-Sleep mode upon the following condition:
Pack Voltage > VPtrip.
bit 4
VC1ent: Enter Sample-Sleep Mode on VC1 Voltage bit
A ‘1’ in this register will enable entry to Sample-Sleep mode upon the following condition:
VC1 < VCtrip.
bit 3
VC2ent: Enter Sample-Sleep Mode on VC2 Voltage bit
A ‘1’ in this register will enable entry to Sample-Sleep mode upon the following condition:
VC2 < VCtrip.
bit 2
SHent: Enter Shelf-Sleep Mode on Pack Voltage bit
A ‘1’ in this register will enable entry to Shelf-Sleep mode upon the following condition:
VPACK < VSHENT
bit 1
Reserved: Reserved bit location
bit 0
OV: Overflow bit
PS700 sets this bit when the input voltage is greater than the maximum value of the voltage
range for an A/D conversion.
Legend:
‘1’ = Bit is set
‘0’ = Bit is cleared
R = Reserved bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com