Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 21 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PS810 Datasheet HTML 17Page - Microchip Technology PS810 Datasheet HTML 18Page - Microchip Technology PS810 Datasheet HTML 19Page - Microchip Technology PS810 Datasheet HTML 20Page - Microchip Technology PS810 Datasheet HTML 21Page - Microchip Technology PS810 Datasheet HTML 22Page - Microchip Technology PS810 Datasheet HTML 23Page - Microchip Technology PS810 Datasheet HTML 24Page - Microchip Technology PS810 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 21
PS810
6.0
GPIO CONFIGURATION
6.1
Configuring Inputs and Outputs
GPIOs can be set up to act as inputs or outputs that are
based on conditions involving battery data parameters,
or GPIO levels, compared to constants. This powerful
programming model allows for customizing GPIO to set
on any possible fuel gauge conditions and reset on any
other possible fuel gauge conditions in any groupings.
Four parameters define the global behavior of each pin
as follows:
• GPIOSTATE: defines the state, high or low, the
GPIO is in during initialization of the fuel gauge.
• GPIODIRECTION: Defines whether the GPIO is
an input or an output.
• GPIOCONFIG: enables analog functions NTC
and VCOIN vs. GPIO (high byte), enables pull-up
or pull-down on inputs (low byte).
• GPIOPOLARITY: defines active and inactive
polarities. All GPIOs will drive high to VBAT,
except for IO0 and IO3, which will drive high to
VBAT – 1 volt. All GPIOs have pull-ups and pull-
downs when configured as inputs, except IO0 and
IO3, which only have pull-downs. IO0 is only
available in SPS mode and IO3 is only available
when not using VCOIN. Similarly, IO2 is only
available when not using NTC.
TABLE 6-1:
GPIO PARAMETERS
TABLE 6-2:
PARAMETER NUMBER/GPIO NUMBER CORRESPONDENCE
Name
Definition
Bit Description
GPIOSTATE
Reset State
of GPIO
Bit number corresponds to GPIO number bit setting:
bit (x) = 1: GPIO defaults to high
bit (x) = 0: GPIO defaults to low
GPIODIRECTION
GPIO Input
or Output
Bit number corresponds to GPIO number bit setting:
bit (x) = 1: GPIO is an input
bit (x) = 0: GPIO is an output
GPIOCONFIG High Byte
Analog or
GPIO
bit (5) = 1: Pin 1 is NTC thermistor input
bit (5) = 0: Pin 1 is GPIO
bit (4) = 1: Pin 2 is VCOIN coin cell input
bit (4) = 0: Pin 2 is GPIO
bit (0) = 1: Disable pull-up and pull-down resistors on inputs
bit (0) = 0: Enable pull-up and pull-down resistors on inputs
GPIOCONFIG Low Byte
Pull-up or
Pull-down on
Inputs
If GPIO is configured as input, then:
bit (7-2):
1
= Pull-down
0
= Pull-up
bit (1-0):
1
= 1.8V communication
0
= TTL communication
GPIOPOLARITY
Default and
Active
Polarity
Bit number corresponds to GPIO number bit setting:
bit (x) = 1: GPIO is default high, active-low
bit (x) = 0: GPIO is default low, active-high
Parameter Bit #
GPIO #
00/SCL
1
SDA/SPS
26
35
44
53
62
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com