Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 10 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 10 Page - Microchip Technology

Back Button PS810 Datasheet HTML 6Page - Microchip Technology PS810 Datasheet HTML 7Page - Microchip Technology PS810 Datasheet HTML 8Page - Microchip Technology PS810 Datasheet HTML 9Page - Microchip Technology PS810 Datasheet HTML 10Page - Microchip Technology PS810 Datasheet HTML 11Page - Microchip Technology PS810 Datasheet HTML 12Page - Microchip Technology PS810 Datasheet HTML 13Page - Microchip Technology PS810 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
PS810
DS21904C-page 10
© 2006 Microchip Technology Inc.
3.2
Operational Modes
The PS810 operates on a continuous cycle, measuring
current, voltage and temperature, then performing fuel
gauge calculations. There are four power modes: Run
mode, in which the measuring and calculating loop
constantly repeats; Bus Inactive Low-Power mode, in
which only self-discharge is calculated; Low-Voltage
Sleep mode, in which there are no measurements and
only wake-up circuitry is powered; and Shelf-Sleep
mode, in which only communication line sensors are
powered.
3.2.1
RUN MODE
Run mode is the highest power consuming mode.
During Run mode, all measurements and calculations
occur. Current, voltage and temperature measure-
ments are each made sequentially. Run mode is active
until voltage drops below the Sleep voltage, the bus
goes inactive or the Shelf-Sleep command is executed.
3.2.2
BUS INACTIVE LOW-POWER MODE
The PS810 enters Low-Power mode when all of the
following conditions are true:
• Current is zero (optional)
• The communication pins are low for at least
8 periods of 512 ms each
• There is no communication attempt for at least
8 periods of 512 ms each
To enter this mode, typically, there must be no load or
charger present and no communication host. The pack
is out of the system. In this mode, the PS810 will draw
less current from the battery, approximately 25
μA and
will only track self-discharge. Alternatively, if self-
discharge tracking is not required, Ultra Low-Power
mode can be used and the PS810 will draw less than
1 microamp.
3.2.3
LOW-VOLTAGE SLEEP MODE
Entry to Low-Voltage Sleep mode can only occur when
the measured pack voltage at VC1 input is below a
preset limit set by the parameter SleepVoltage (in mV)
and the current is zero (less than NullCurr). Sleep
mode may be exited to Run mode when the voltage at
VC1 is greater than the wake-up voltage, which is
3.2 volts, 10%.
While in 10% Sleep mode, no measurements occur
and no calculations are made. The fuel gauge display
is not operational, no communications are recognized
and only a wake-up condition will permit an exit from
Sleep mode. Sleep mode is one of the lowest power
consuming modes and is used to conserve battery
energy following a complete discharge.
There are two power levels that can be chosen for Low-
Voltage
Sleep
mode.
Low-Power
mode
draws
approximately 20
μA and will wake-up automatically
when the voltage rises above the wake-up voltage,
which is a constant 3.2 volts above the wake-up volts,
+/-5%. Ultra Low-Power mode draws less than 1
μA
and requires an external source to drive the communi-
cation line high to wake-up, since the voltage wake-up
comparator is powered down.
3.2.4
SHELF-SLEEP MODE
Shelf-Sleep mode can be entered by a battery data
command on the communication bus for conserving
energy while shipping battery packs. It can be exited
only by an external source driving the communication
data line high. This mode uses the Ultra Low-Power
Sleep mode, resulting in current draw less than
1 microamp. This mode is entered by writing a pass-
word to SMBus command code, 0x43. A word write
protocol is used to write the password, 0x5A7A.
TABLE 3-2:
OPERATIONAL MODES
Mode
Entry
Exit
Notes
Run
Voltage > Wake-up voltage
or data line driven high
Voltage less than SleepVoltage, bus Idle or
Shelf-Sleep command issued
Highest power
consumption and
accuracy.
Bus Inactive
Low-Power
Current < NullCurr,
communication lines low
and no communication
attempts
Activity on communication lines
Only self-discharge
calculated.
Low-Voltage
Sleep
VC(1) < SleepVoltage,
Current is not zero
Voltage > Wake-up voltage (Low-Power mode),
Data line driven high (Ultra Low-Power mode)
No measurements
made.
Shelf-Sleep
Can be entered by SMBus
command
Data line driven high
No measurements
made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com