Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 22 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 22 Page - Microchip Technology

Back Button PS810 Datasheet HTML 18Page - Microchip Technology PS810 Datasheet HTML 19Page - Microchip Technology PS810 Datasheet HTML 20Page - Microchip Technology PS810 Datasheet HTML 21Page - Microchip Technology PS810 Datasheet HTML 22Page - Microchip Technology PS810 Datasheet HTML 23Page - Microchip Technology PS810 Datasheet HTML 24Page - Microchip Technology PS810 Datasheet HTML 25Page - Microchip Technology PS810 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
PS810
DS21904C-page 22
© 2006 Microchip Technology Inc.
6.2
Configuring Output Functions
Powerful and flexible programming protocols allow
GPIO configured as outputs to be defined with complex
functions based on battery data. Virtually all information
about the battery can be used in a multiple level trigger
function or Reset function. This programming is accom-
plished using Microchip programming development tool,
PowerTool™ 800.
GPIO output functions can be based on the following
information functions:
• All battery data functions, such as voltage,
current, battery status, etc.
• The high or low level of any other GPIO
• The miscellaneous flags byte which contains the
following information:
- bit 0: Charge started
- bit 1: Discharge started
- bit 2: Charge increasing
- bit 3: POR detected
- bit 4: Unused
- bit 5: Wake from Sleep
- bit 6: In Low-Voltage Sleep mode
- bit 7: In Shelf-Sleep mode
- bit 8: In Bus Sleep mode
Once an argument is selected from above, an operator
is selected to compare it to a constant. The operators
are >, <, =, AND and NOR. The latter two are used to
compare individual bits in a bit map. For example, AND
a bit map against the operand 00000000 00000010
will be true if bit one is a ‘1’. NOR a bit map against the
operand 11111111 11111101 will be true if bit one is
a ‘0’.
An example of a condition is :
Voltage < 3200
This condition is true if the battery data of voltage is
less than 3200 mV.
Condition groups can be created by ANDing and ORing
individual conditions together. An example condition
group is:
(Voltage < 3200) AND (Current > 100) OR
(Temperature > 60) AND (Current > 200)
Because of precedence the equation would be
interpreted:
((Voltage < 3200) AND (Current > 100)) OR
((Temperature > 60) AND (Current > 200))
This entire condition group can be programmed to
activate a single GPIO. A Reset condition can then be
assigned to reset the GPIO if it had triggered as a result
of its trigger condition group.
Example Reset condition group:
(Voltage > 3200) OR (Current = 0)
Furthermore, multiple trigger condition groups, each
with their own individual Reset condition groups, can
be assigned to a single GPIO. This is all accomplished
by programming with PowerTool™ 800.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com