Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 39 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PS810 Datasheet HTML 35Page - Microchip Technology PS810 Datasheet HTML 36Page - Microchip Technology PS810 Datasheet HTML 37Page - Microchip Technology PS810 Datasheet HTML 38Page - Microchip Technology PS810 Datasheet HTML 39Page - Microchip Technology PS810 Datasheet HTML 40Page - Microchip Technology PS810 Datasheet HTML 41Page - Microchip Technology PS810 Datasheet HTML 42Page - Microchip Technology PS810 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 39
PS810
TABLE 10-5:
AC CHARACTERISTICS: SPS INTERFACE (TA = -20°C TO +85°C;
VDD (INTERNAL) = +2.8V ±7%)
TABLE 10-6:
A/D CONVERTER CHARACTERISTICS (TA = -20°C TO +85°C;
VREG (INTERNAL) = +2.8V ±7%)
TABLE 10-7:
SILICON TIME BASE CHARACTERISTICS (TA = -20°C TO +85°C;
VREG (INTERNAL) = +2.8V ±7%)
TABLE 10-8:
TEMPERATURE MEASUREMENT ACCURACY (TA = -20°C TO +85°C;
VREG (INTERNAL) = +2.8V ±7%)
Symbol
Description
Min.
Typ.
Max.
Units
Condition
tCYCH
Cycle Time, Host to Battery
190
μs
tCYCB
Cycle Time, Battery to Host
190
205
250
μs
tSTRH
Start Time, Host to Battery
5
ns
tSTRB
Start Time, Battery to Host
32
μs
tDSUH
Data Setup Time, Host to Battery
50
μs
tDSUB
Data Setup Time, Battery to Host
50
μs
tDH
Data Hold Time, Host to Battery
90
μs
tDV
Data Valid Time, Battery to Host
80
μs
tSSUH
Stop Setup, Host to Battery
145
μs
tSSUB
Stop Setup Time, Battery to Host
145
μs
tRSPS
Response Time of Battery to Host
190
320
μs
tB
Break Time
190
μs
tBR
Break Recovery Time
40
μs
Symbol
Description
Min.
Typ.
Max.
Units
Condition
ADRES
A/D Converter Resolution
9
15
bits
tCONV
A/D Conversion Measurement Time, n-bit + sign
2n/fA/D
—s
VADIN
A/D Converter Input Voltage Range (internal)
-150
150
mV
Differential
(Note 1)
0
300
mV
Single-Ended
EVGAIN
Supply Voltage Gain Error
0.100
%
EVOFFSET Compensated Offset Error
0.100
%
ETEMP
Temperature Gain Error
0.100
%
EINL
Integrated Nonlinearity Error
0.004
%
Note 1:
Voltage is internal at A/D converter inputs. SR, PTAT and NTC are measured directly. VC1 and VCOIN
inputs are measured using internal level translation circuitry that scales the input voltage range
appropriately for the converter.
Symbol
Description
Min.
Typ.
Max.
Units
Condition
ETIME
Silicon Time Base Error
0.4
%
Bias Resistor ROSC Tolerance = 1%
TL = ±25 ppm
Symbol
Description
Min.
Typ.
Max.
Units
Condition
TRES
Reported Temperature Resolution
1
°C
TACC
Reported Temperature Accuracy
-3
3
°C
VREG = 3.6V, requires
calibration in the application
TDRIFT
Reported Temperature Drift
-2
°C/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com