Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 25 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 25 Page - Microchip Technology

Back Button PS810 Datasheet HTML 21Page - Microchip Technology PS810 Datasheet HTML 22Page - Microchip Technology PS810 Datasheet HTML 23Page - Microchip Technology PS810 Datasheet HTML 24Page - Microchip Technology PS810 Datasheet HTML 25Page - Microchip Technology PS810 Datasheet HTML 26Page - Microchip Technology PS810 Datasheet HTML 27Page - Microchip Technology PS810 Datasheet HTML 28Page - Microchip Technology PS810 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 25
PS810
8.0
COMMUNICATION
8.1
SMBus/I2C Battery Data Interface
The PS810 uses a two-pin communication protocol
compatible with the System Management Bus (SMBus)
and the Inter IC Communication (I2C™) protocols to
communicate to the host. One pin is the clock and one
is the data. The SMBus/I2C port responds to all battery
data commands listed in Table 8-1. To receive informa-
tion about the battery, the host sends the appropriate
commands to the SMBus/I2C port. The battery data
command set is summarized in Table 8-1.
The PS810 SMBus/I2C communications port is fully
compliant with the System Management Bus specifica-
tion, version 1.1 and supports all previous and new
requirements, including bus time-outs and PEC (CRC-8)
error checking. The SMBus port serves as a slave for
both read and write functions. SMBus slave protocols
supported include Read Word, Write Word, Read Block
and Write Block, all with or without PEC (CRC-8) error
correction.
The SMBus protocol used for PS810 is for the host to
master the SMBus. PS810 operates only in Slave
mode. The master will send the PS810 device’s SMBus
write address (0x16 for write) followed by the command
code. The host will then send the PS810 device’s read
address (0x17 for read) and await data. As a response
to the read request, the PS810 will send all the data
bytes required.
FIGURE 8-1:
SMBus TIMING
tHD:STA
tBUF
tLOW
tR
tHD:STA
tHIGH
tSU:DAT
tF
tSU:STA
tSU:STO
PS
S
P
SCL
SDA
SCL
SDA
tLOW:MEXT
SCLACK
Note: SCLACK is the Acknowledge related clock pulse generated by the master.
SCLACK
tLOW:MEXT
tLOW:MEXT
tLOW:SEXT
tSU:STA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com