Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 31 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 31 Page - Microchip Technology

Back Button PS810 Datasheet HTML 27Page - Microchip Technology PS810 Datasheet HTML 28Page - Microchip Technology PS810 Datasheet HTML 29Page - Microchip Technology PS810 Datasheet HTML 30Page - Microchip Technology PS810 Datasheet HTML 31Page - Microchip Technology PS810 Datasheet HTML 32Page - Microchip Technology PS810 Datasheet HTML 33Page - Microchip Technology PS810 Datasheet HTML 34Page - Microchip Technology PS810 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 31
PS810
9.0
PARAMETER SETUP
This section documents all of the programmable
parameters that are resident in the memory.
TABLE 9-1:
ALPHABETICAL LISTING OF PARAMETERS
Parameter
Name
# Bytes
Units
Typical
Value
Operational Description
AgeFactor
1
0.125 mV
0
Scale factor for EOD voltages due to aging. In units of
.125 mV, VEODaged = VEOD – (CycleCount * AgeFactor).
AOMInterval
1
op cycles
60
Interval between auto-offset calibrations.
AVGIScale
1
coded
b00100000
Time period over which current is averaged to calculate
average current, IAVG = IAVG + (I – IAVG)/AVGIScale.
Note:
Only Most Significant set bit is used, others are
ignored.
1xxxxxxx
: IAVG = IAVG + (I – IAVG)/256
01xxxxxx
: IAVG = IAVG + (I – IAVG)/128
001xxxxx
: IAVG = IAVG + (I – IAVG)/64
0001xxxx
: IAVG = IAVG + (I – IAVG)/32
00001xxx
: IAVG = IAVG + (I – IAVG)/16
000001xx
: IAVG = IAVG + (I – IAVG)/8
0000001x
: IAVG = IAVG + (I – IAVG)/4
00000001
: IAVG = IAVG + (I – IAVG)/2
BGCal
1
integer
14
Band gap voltage calibration factor.
CalStatus
1
bitmap
b11111111
Bit coded as follows:
Bit
Function
7RCOSC
6TEMP
5
CURRENT
4VC1
3VCOIN
0
= Not calibrated
1
= Calibrated
CFCoin
2
integer
2250
Correction Factor for Coin Cell Voltage.
CFCurr
2
integer
4200
Correction Factor for Current. Adjusts the scaling of the
sense resistor current measurements.
CFTempE
2
integer
326
Correction Factor for Temperature. Adjusts the scaling of
temperature measured across an external thermistor at the
NTC input pin.
CFTempI
2
integer
2038
Correction Factor for Temperature. Adjusts the scaling of
temperature measured from the internal temperature sensor.
CFVoltage
2
integer
2250
Correction Factor for Pack Voltage. Adjusts the scaling of the
pack voltage measurements. Used to calibrate the measure-
ment of pack voltage between VC1 input pin and ground.
ClrFullyChrg
1
%
90
Reset FULLY_CHARGED bit at this level, 100 = 100%.
When discharging begins, the FULLY_CHARGED bit should
remain set until the cell voltages are below EOCVolt, so that
a small current will not trigger a false End-Of-Charge trigger.
ClrFullyDischrg
1
%
10
Reset FULLY_DISCHARGED bit, 100 = 100%. Once fully
discharged bit is set, it will stay set until capacity rises above
this value, typically 10%.
COCurr
1
signed byte
0
Correction Offset for Current. This is the value the A/D reads
when zero current is flowing through the sense resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com