Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 32 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 32 Page - Microchip Technology

Back Button PS810 Datasheet HTML 28Page - Microchip Technology PS810 Datasheet HTML 29Page - Microchip Technology PS810 Datasheet HTML 30Page - Microchip Technology PS810 Datasheet HTML 31Page - Microchip Technology PS810 Datasheet HTML 32Page - Microchip Technology PS810 Datasheet HTML 33Page - Microchip Technology PS810 Datasheet HTML 34Page - Microchip Technology PS810 Datasheet HTML 35Page - Microchip Technology PS810 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
PS810
DS21904C-page 32
© 2006 Microchip Technology Inc.
COD
1
signed byte
0
Correction Offset Deviation. Offset value for the module
effect on the current readings.
Config1
1
bitmap
b00010000
bit 7:
Internal use only.
bit 6:
1
= FG overrides bootloader high priority interrupt service
bit 5:
1
= Bootloader write commands disabled until locked
bit 4:
1
= Disable bootloader write commands
bit 3:
1
= Start in SMBus mode
0
= SPS mode
bit 2:
1
= 32 ms SMBus time-out
0
= 16 ms SMBus time-out
bit 1:
1
= Flash reading is locked
0
= Flash reading is unlocked
bit 0:
Unused.
ConfigCAP
1
bitmap
11100100
bit 7:
Compensate remaining capacity – the displayed remaining
capacity actually equals FCC minus capacity used minus
residual capacity.
bit 6:
Remaining capacity decrease only – when compensating, if
temperature change causes a decrease in residual capacity,
do not let remaining capacity rise to reflect this. Instead,
hold it steady until discharge catches up.
bit 5:
Only compensate remaining capacity on discharge.
bit 4:
Enable compensation during null current.
bit 3:
Unused
bit 2:
Set capacity to positive immediately upon charging. If
discharged below zero, this allows capacity to count up
immediately upon charging.
bit 1:
Learn unconditionally – relearn FCC under any conditions.
Typically used for testing only.
bit 0:
Disable self-discharge.
TABLE 9-1:
ALPHABETICAL LISTING OF PARAMETERS (CONTINUED)
Parameter
Name
# Bytes
Units
Typical
Value
Operational Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com