Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 14 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PS810 Datasheet HTML 10Page - Microchip Technology PS810 Datasheet HTML 11Page - Microchip Technology PS810 Datasheet HTML 12Page - Microchip Technology PS810 Datasheet HTML 13Page - Microchip Technology PS810 Datasheet HTML 14Page - Microchip Technology PS810 Datasheet HTML 15Page - Microchip Technology PS810 Datasheet HTML 16Page - Microchip Technology PS810 Datasheet HTML 17Page - Microchip Technology PS810 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
PS810
DS21904C-page 14
© 2006 Microchip Technology Inc.
4.4
EOD Voltage Look-up Table
4.4.1
NEAR EMPTY RESERVE
CAPACITY POINT
Available capacity in the battery varies with tempera-
ture and discharge rate. Since the remaining capacity
will vary with temperature and discharge rate, a
shutdown point, or End-Of-Discharge voltage, will also
vary with temperature and discharge rate in order to
leave enough reserve energy in the battery to allow a
system to perform a shutdown procedure under all
conditions.
The End-Of-Discharge voltage look-up table allows for
entry of 64 different voltages as a function of 8 different
temperature regions and 8 different discharge rate
regions. Linear interpolation is used to determine the
End-Of-Discharge voltage within the regions.
It is recommended to use the table in one of three
ways:
1.
Constant Shutdown Voltage
If the system does not require any reserve
energy, then the same voltage can be used in all
table entries. This should be the lowest voltage
the battery can safely discharge to, or the lowest
voltage that will support system operation,
whichever is higher.
2.
Constant Remaining Capacity
To give a warning of a certain amount of capacity
left, the voltage that represents this capacity for
a certain temperature and discharge rate is used
in each entry. Plotting voltage versus capacity
for different temperatures and discharge rates
will identify these points
3.
Constant Reserve Energy for System Shutdown
If the system needs a certain amount of energy
for a system shutdown procedure that will
require a certain discharge rate and a certain
amount of time, then the discharge rate could
change suddenly as soon as the End-Of-
Discharge voltage point is hit. The voltage
entries should then represent a remaining
capacity that exists at the future discharge rate
of the shutdown procedure.
Plotting voltage versus capacity at various tempera-
tures and discharge rates, along with the voltage
versus capacity at the shutdown procedure discharge
rate, will identify the voltage point at which shutdown
should occur assuming a switch from the first discharge
rate to the shutdown discharge rate.
The residual capacity entries represent the difference
between the ideal capacity of the battery and the
capacity available at the specific temperature and
discharge rate. To compensate remaining capacity, the
residual capacity will be subtracted from remaining
capacity. The compensation adjustment will happen in
real time to avoid sudden drops or jumps. Every time
the temperature decreases by one degree, a new inter-
polated value will be subtracted from the remaining
capacity. Every time the temperature increases by one
degree, the remaining capacity will be held constant
until the discharged capacity equals the interpolated
value that should have been added to the remaining
capacity
(to
avoid
capacity
increases
during
discharge). This compensation will not begin until after
the fully charged status is reset, allowing the remaining
capacity to be 100% when the battery is full.
TABLE 4-1:
V_EOD LOOK-UP TABLE EXAMPLE
Table 4-1 is an example of the various voltage values
that will signal the shutdown points as a function of
temperature and discharge rate.
Table 4-2 shows the actual names of the values in the
memory. Table 4-3 shows the value definitions.
<-10°
<0°
<10°
<20°
<30°
<40°
<50°
>50°
< 0.2C
3200 mV
3100 mV
3050 mV
—
< 0.5C
3125 mV
—
—
< 0.8C
3075 mV
—
< 1.1C
—
< 1.4C
< 1.7C
< 2.0C
> 2.0C
Residual Capacity
20%
10%
5%
3%
0%
0%
0%
0%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com