Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 19 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 19 Page - Microchip Technology

Back Button PS810 Datasheet HTML 15Page - Microchip Technology PS810 Datasheet HTML 16Page - Microchip Technology PS810 Datasheet HTML 17Page - Microchip Technology PS810 Datasheet HTML 18Page - Microchip Technology PS810 Datasheet HTML 19Page - Microchip Technology PS810 Datasheet HTML 20Page - Microchip Technology PS810 Datasheet HTML 21Page - Microchip Technology PS810 Datasheet HTML 22Page - Microchip Technology PS810 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 19
PS810
5.0
CHARGE CONTROL
5.1
Full Charge Detection Methods
For a typical lithium ion constant-current/constant-
voltage charge system, the PS810 will monitor the taper
current that enters the battery. Once the battery has
reached the final voltage level of the charger, when VC1
is greater than EOCVolt, taper monitoring will begin.
Once the taper current falls between TaperCRate and
TaperLow, indicating that the battery is full, the End-Of-
Charge (EOC) will be triggered. For pulse charging, the
average current will be monitored. When average current
falls below EOCCurAvg, the EOC will be triggered. So
that a sudden drop or removal of charge current doesn’t
trigger a false EOC when using taper current, the current
and the average current must be within StableCurr of
each other.
Thus, the conditions to trigger EOC are:
1.
Cell Voltage > EOCVolt and
2.
TaperCRate > Current > TaperLow and
3.
Average Current – Current < StableCurr
For pulse charging, replace condition 2 with Average
Current < EOCCurAvg and remove condition 3.
When a valid, fully charged EOC condition is detected,
the following actions occur:
• The FULLY_CHARGED status bit in BatteryStatus
is set to ‘1’ to indicate a full condition. (This will
remain set until RelativeStateOfCharge drops
below the ClrFullyChrg value in memory.)
• Remaining capacity is set to FCC and thus,
RelativeStateOfCharge is set to 100%.
5.2
Temperature Algorithms
The PS810 provides a temperature alarm set point.
HighTempAl: When the measured temperature is
greater than HighTempAl, the OVER_TEMP_ALARM
bit is set.
TABLE 5-1:
CHARGE CONTROL PARAMETERS
Parameter
Name
#
Bytes
Units
Typical
Value
Operational Description
HighTempAl
1
(°Celsius *
10 + 200)/4
200
OVER_TEMP_ALARM threshold bit in AlarmWarning register, coded
value = (°Celsius * 10 + 200)/4. When the temperature exceeds
HighTempAl, the OVER_TEMP_ALARM becomes active.
EOCCurAvg
2
mA
200
EOC trigger for pulse charging. If the average current during pulse
charging has dropped below the EOCCurAvg threshold for a pass
count equal to the parameter value, EOCRecheck, the End-Of-Charge
state will be reached.
EOCRecheck
1
integer
6
Number of checks before EOC trigger. The End-Of-Charge conditions
must remain for at least this number of periods, before being
considered true, to help filter out false full conditions due to spikes.
EOCVolt
2
mV
4150
EOC trigger cell voltage. When a cell reaches this voltage, the
End-Of-Charge determination will start monitoring the current to
determine when the battery is full. When the current is in the proper
range and the cell voltage is greater than EOCVolt, then
FULLY_CHARGED bit in BatteryStatus will be set.
StableCurr
1
mA
50
EOC trigger current deviation level. In order to prevent current spikes
from causing a premature taper current trigger, the average current and
the instantaneous current must be within StableCurr of each other.
TaperCRate
1
1/64 C
3
Upper limit EOC taper current based on temperature, 64 = 1C.
TaperLow
1
1/64 C
1
Lower limit EOC taper current, 64 = 1C.
ConfigEOCD
1
bitmap
10011111 Bit coded as follows:
Bit
Function
7
Limit remcap to FCC
6Unused
5
Trigger EOC on average current
4
Trigger EOC on taper current
3
Disallow multiple EODs
2
Limit capacity to EODCap until EOD
1
Set capacity to residual capacity at VEOD
0
Learn FCC at VEOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com