Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 23 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 23 Page - Microchip Technology

Back Button PS810 Datasheet HTML 19Page - Microchip Technology PS810 Datasheet HTML 20Page - Microchip Technology PS810 Datasheet HTML 21Page - Microchip Technology PS810 Datasheet HTML 22Page - Microchip Technology PS810 Datasheet HTML 23Page - Microchip Technology PS810 Datasheet HTML 24Page - Microchip Technology PS810 Datasheet HTML 25Page - Microchip Technology PS810 Datasheet HTML 26Page - Microchip Technology PS810 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 23
PS810
7.0
KEELOQ® SECURITY
The PS810 will employ KEELOQ security coding which
can ensure only proprietary batteries can be used with
the host device. Since the batteries are tailored to the
system requirements, an incompatible battery may
cause poor performance or even non-performance. A
verification challenge will be issued to the battery from
the host. The battery will encrypt the challenge data and
return it to the host. The host will encrypt the challenge
data also and verify that the battery’s encrypted
response matches. For technical KEELOQ specifications,
see Microchip application note
AN827, “Using KEELOQ®
to Validate Subsystem Compatibility” (DS00827).
The host issues a “challenge” (i.e., a 32-bit random
number) by writing it to the KEELOQ bus function on the
PS810. The PS810 firmware contains the KEELOQ
encryption algorithm and a 64-bit key. The PS810 runs
the 32-bit challenge data along with its 64-bit key
through the KEELOQ decrypt algorithm to create a 32-bit
response. The host then reads the response from the
PS810 using the KEELOQ bus function. The host verifies
the response by also running the challenge through the
decrypt algorithm using the same key. If the results are
the same, authentication is successful.
When a challenge is written to the battery, it takes time
to generate the encrypted response. Battery status
bit 1 is set to one (‘1’) when a challenge is written and
reset to zero (‘0’) when the response is ready and may
be read from the PS810.
The security of authentication relies not on the secrecy
of the algorithm, but on secrecy and management of
the key. The key, the function that stores the key and
the KEELOQ decrypt algorithm that uses it are located in
memory that is protected from reads and writes. This
prevents the key from being read except by code in the
boot block and prevents the boot block from being
altered without being first erased. The key is stored in
an encoded form and during normal execution, never
appears in its entirety in RAM.
A battery pack’s key is stored at time of manufacture.
Each pack can have a unique key, further improving
security, which is a function of a master key and the
pack’s serial number. A host would use the master key,
the pack serial number and a key generation algorithm
to determine an individual pack’s key.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com