Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 30 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 30 Page - Microchip Technology

Back Button PS810 Datasheet HTML 26Page - Microchip Technology PS810 Datasheet HTML 27Page - Microchip Technology PS810 Datasheet HTML 28Page - Microchip Technology PS810 Datasheet HTML 29Page - Microchip Technology PS810 Datasheet HTML 30Page - Microchip Technology PS810 Datasheet HTML 31Page - Microchip Technology PS810 Datasheet HTML 32Page - Microchip Technology PS810 Datasheet HTML 33Page - Microchip Technology PS810 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
PS810
DS21904C-page 30
© 2006 Microchip Technology Inc.
8.3.1
Temperature (0.1° CELSIUS)
Returns the cell pack’s internal temperature.
8.3.2
Voltage (mV)
Returns the pack voltage.
8.3.3
Current (mA)
Returns the current being supplied (or accepted)
through the battery’s terminals.
8.3.4
AverageCurrent (mA)
Returns a rolling average of the current being supplied
(or accepted) through the battery’s terminals. The time
period over which current is averaged is adjustable.
8.3.5
RelativeStateOfCharge (%)
Returns the predicted remaining battery capacity
expressed as a percentage of FullChargeCapacity.
8.3.6
AbsoluteStateOfCharge (%)
Returns the predicted remaining battery capacity
expressed as a percentage of DesignCapacity. Note
that AbsoluteStateOfCharge can return values greater
than 100%.
8.3.7
RemainingCapacity (mAh)
Returns the predicted remaining battery capacity.
The RemainingCapacity value is expressed as:
Current x Time.
8.3.8
FullChargeCapacity (mAh)
Returns the predicted pack capacity when it is fully
charged.
8.3.9
AverageTimeToEmpty (MINUTES)
Returns a rolling average of the predicted remaining
battery life. The time period over which it is averaged is
the same as AverageCurrent.
8.3.10
BatteryStatus (FLAGS)
Returns
the
Smart
Battery’s
status
word.
The
BatteryStatus function is used by the power management
system to get alarm and status bits.
Battery Status Bits:
bit 7:
INITIALIZED
bit 6:
DISCHARGING
bit 5:
FULLY_CHARGED
bit 4:
FULLY_DISCHARGED
bit 3:
OVER_TEMP_ALARM
bit 2:
Unused
bit 1:
KEELOQ response processing
bit 0:
COIN_CELL_EMPTY
8.3.11
CycleCount (INTEGER)
CycleCount is updated to keep track of the total usage
of the battery. CycleCount is increased whenever an
amount of charge has been removed from the battery
equivalent to the full capacity.
8.3.12
DesignCapacity (mAh)
Returns the theoretical capacity of a new pack.
8.3.13
CoinCellVoltage (mV)
Returns the voltage of the coin cell.
8.3.14
ManufactureDate (CODE)
This function returns the date the pack was manu-
factured in a coded integer. The date is packed in the
following fashion: (year-1980) * 512 + month * 32 + day.
8.3.15
SerialNumber (HEX WORD)
This function is used to return a serial number. This
number, when combined with the ManufacturerID, the
DeviceID and the ManufactureDate, will uniquely
identify the battery.
8.3.16
ManufacturerID (HEX WORD)
This function returns a hex word containing the battery
manufacturer’s ID.
8.3.17
DeviceID (HEX WORD)
This function returns a hex word that contains the
battery’s ID.
8.3.18
KEELOQ (BLOCK DATA)
This function is used for identification of the battery to
the system. The host system writes a 4-byte challenge
of random data to the battery. The PS810 runs the
challenge data through the KEELOQ algorithm using a
safe key entered at time of manufacture. (An option is
to have this key based on a manufacturer’s key and the
serial number.) The host then reads the 4-byte
response and compares it with an internally generated
response using the same key. The responses must
match for validation.
8.3.19
UserData (BLOCK DATA)
Reads 1 to 32 bytes from the UserData block in Flash.
The number of bytes read is determined by parameter
UserDataLen. This is a general purpose storage of any
information a user may want to read.
Note:
This command is only available in SMBus
mode, not SPS mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com