Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 28 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 28 Page - Microchip Technology

Back Button PS810 Datasheet HTML 24Page - Microchip Technology PS810 Datasheet HTML 25Page - Microchip Technology PS810 Datasheet HTML 26Page - Microchip Technology PS810 Datasheet HTML 27Page - Microchip Technology PS810 Datasheet HTML 28Page - Microchip Technology PS810 Datasheet HTML 29Page - Microchip Technology PS810 Datasheet HTML 30Page - Microchip Technology PS810 Datasheet HTML 31Page - Microchip Technology PS810 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
PS810
DS21904C-page 28
© 2006 Microchip Technology Inc.
8.3
Battery Data Function Description
The following subsections document the detailed
operation
of
all
of
the
individual
battery
data
commands.
TABLE 8-1:
PS810 SMBus DATA FUNCTIONS
Battery Data Function Name
SMBus
Command
Code
Access
Parameter Reference
Units
Temperature
0x00
Read
0.1° Celsius
Voltage
0x01
Read
mV
Current
0x02
Read
mA
AverageCurrent
0x03
Read
mA
RelativeStateOfCharge
0x04
Read
%
AbsoluteStateOfCharge
0x05
Read
%
RemainingCapacity
0x06
Read
mAh
FullChargeCapacity
0x07
Read
mAh
AverageTimeToEmpty
0x08
Read
MInutes
BatteryStatus
0x09
Read
BatStatus
Bit Code
CycleCount
0x0A
Read
Cycles
Integer
DesignCapacity
0x0B
Read
DesignCapacity
mAh
CoinVoltage
0x0C
Read
mV
ManufactureDate
0x0D
Read
MFGDate
Coded
SerialNumber
0x0E
Read
SerialNumber
Hex Word
ManufacturerID
0x0F
Read
MFGID
Hex Word
DeviceID
0x10
Read
DevID
Hex Word
KEELOQ
0x17
Read/Write
Block Data
UserData
0x16
Read
Block Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com