Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 29 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 29 Page - Microchip Technology

Back Button PS810 Datasheet HTML 25Page - Microchip Technology PS810 Datasheet HTML 26Page - Microchip Technology PS810 Datasheet HTML 27Page - Microchip Technology PS810 Datasheet HTML 28Page - Microchip Technology PS810 Datasheet HTML 29Page - Microchip Technology PS810 Datasheet HTML 30Page - Microchip Technology PS810 Datasheet HTML 31Page - Microchip Technology PS810 Datasheet HTML 32Page - Microchip Technology PS810 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 29
PS810
TABLE 8-2:
PS810 SINGLE PIN SERIAL DATA FUNCTIONS
Battery Data Function Name
SPS
Command
Code
Access
Parameter Reference
Units
Temperature
(low byte)
0x00
Read
0.1° Celsius
Temperature
(high byte)
0x01
Read
Voltage
(low byte)
0x02
Read
mV
Voltage
(high byte)
0x03
Read
Current
(low byte)
0x04
Read
mA
Current
(high byte)
0x05
Read
AverageCurrent
(low byte)
0x06
Read
mA
AverageCurrent
(high byte)
0x07
Read
RelativeStateOfCharge
0x08
Read
%
reserved
0x09
—
AbsoluteStateOfCharge
0x0A
Read
%
reserved
0x0B
—
RemainingCapacity
(low byte)
0x0C
Read
mAh
RemainingCapacity
(high byte)
0x0D
Read
FullChargeCapacity
(low byte)
0x0E
Read
mAh
FullChargeCapacity
(high byte)
0x0F
Read
AverageTimeToEmpty
(low byte)
0x10
Read
MInutes
AverageTimeToEmpty
(high byte)
0x11
Read
BatteryStatus
0x12
Read
BatStatus
Bit Code
reserved
0x13
—
CycleCount
(low byte)
0x14
Read
Cycles
Integer
CycleCount
(high byte)
0x15
Read
Cycles
DesignCapacity
(low byte)
0x16
Read
DesignCapacity
mAh
DesignCapacity
(high byte)
0x17
Read
DesignCapacity
CoinVoltage
(low byte)
0x18
Read
DesignVPack
mV
CoinVoltage
(high byte)
0x19
Read
DesignVPack
ManufactureDate
(low byte)
0x1A
Read
MFGDate
Coded
ManufactureDate
(high byte)
0x1B
Read
MFGDate
SerialNumber
(low byte)
0x1C
Read
SerialNumber
Hex Word
SerialNumber
(high byte)
0x1D
Read
SerialNumber
ManufacturerID
(low byte)
0x1E
Read
MFGID
Hex Word
ManufacturerID
(high byte)
0x1F
Read
MFGID
DeviceID
(low byte)
0x20
Read
DevID
Hex Word
DeviceID
(high byte)
0x21
Read
DevID
KEELOQ
(low byte)
0x28
Read/Write
MFGData
Hex Double Word
KEELOQ
(second byte)
0x29
Read/Write
MFGData
KEELOQ
(third byte)
0x2A
Read/Write
MFGData
KEELOQ
(high byte)
0x2B
Read/Write
MFGData



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com