Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 16 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PS810 Datasheet HTML 12Page - Microchip Technology PS810 Datasheet HTML 13Page - Microchip Technology PS810 Datasheet HTML 14Page - Microchip Technology PS810 Datasheet HTML 15Page - Microchip Technology PS810 Datasheet HTML 16Page - Microchip Technology PS810 Datasheet HTML 17Page - Microchip Technology PS810 Datasheet HTML 18Page - Microchip Technology PS810 Datasheet HTML 19Page - Microchip Technology PS810 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
PS810
DS21904C-page 16
© 2006 Microchip Technology Inc.
TABLE 4-3:
CAPACITY MONITORING PARAMETERS
Parameter
Name
# of
Bytes
Units
Typical
Value
Operational Description
DesignCapacity
2
mAh
2200
Battery data value for DesignCapacity. This is the first capacity
loaded into the FullChargeCapacity upon power-up.
RemCap
2
mAh
440
The initial capacity of the battery. When the PS810 is first
powered up and initialized, before a learning cycle takes place
to learn the full capacity, the full capacity will take the value
programmed into RemCap to compute relative
State-Of-Charge percentage.
NullCurr
1
mA
3
A zero zone control is built into the PS810 so that any electrical
noise doesn’t actually drain the gas gauge, when in fact, the
current is zero. For this reason, current less than NullCurr mA
in either direction will be measured as zero.
PwrConsumption
1
1/256 mA
31
Current consumption of the battery module. This is the average
current that the battery module typically draws from the battery
(255 = 1 mA).
ClrFullyChrg
1
%
90
Reset FULLY_CHARGED bit at this level, 100 = 100%. When
discharging begins, the FULLY_CHARGED bit must remain set
until the cell voltages are below EOCVolt, so that a small
current will not trigger a false End-Of-Charge trigger. Thus,
ClrFullyChrg is set at about 90%. FULLY_CHARGED bit will
be on until the battery has discharged to less than 90%.
ConfigCAP
1
bitmap
11100100 bit 7:
Compensate remaining capacity – the displayed remaining
capacity actually equals FCC minus capacity used minus
residual capacity.
bit 6:
Remaining capacity decrease only – when compensating, if
temperature changed causing a decrease in residual capacity,
do not let remaining capacity rise to reflect this. Instead, hold it
steady until discharge catches up.
bit 5:
Only compensate on discharge.
bit 4:
Compensate on null current.
bit 3:
Unused.
bit 2:
Set capacity to positive immediately upon charging. If
discharged below zero, this allows capacity to count up
immediately upon charging.
bit 1:
Learn unconditionally – relearn FCC under any conditions.
Typically used for testing only.
bit 0:
Disable self-discharge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com