Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 38 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 38 Page - Microchip Technology

Back Button PS810 Datasheet HTML 34Page - Microchip Technology PS810 Datasheet HTML 35Page - Microchip Technology PS810 Datasheet HTML 36Page - Microchip Technology PS810 Datasheet HTML 37Page - Microchip Technology PS810 Datasheet HTML 38Page - Microchip Technology PS810 Datasheet HTML 39Page - Microchip Technology PS810 Datasheet HTML 40Page - Microchip Technology PS810 Datasheet HTML 41Page - Microchip Technology PS810 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
PS810
DS21904C-page 38
© 2006 Microchip Technology Inc.
TABLE 10-3:
AC CHARACTERISTICS (TA = -20°C TO +85°C; VDD (INTERNAL) = +2.8V ±7%)
TABLE 10-4:
AC CHARACTERISTICS – SMBus/I2C™ (TA = -20°C TO +85°C;
VDD (INTERNAL) = +2.8V ±7%)
Symbol
Description
Min.
Typ.
Max.
Units
Condition
fRC
Internal RC Oscillator Frequency
509.952
512
514.048
kHz
fA/D
Internal A/D Operating Clock
—
fRC/16
—
kHz
tPOR
Power-on Reset Delay
—
2
10
ms
Delay from time when VC1
voltage exceeds 2.7V
tSHELF
Delay to Entry of Shelf-Sleep mode
1
—
—
ms
tWAKE
Delay to Exit of Shelf-Sleep mode
1
—
—
ms
SDA and SCL go high
Symbol
Description
Min.
Typ.
Max.
Units
Condition
fSMB
SMBus Clock Operating Frequency
10
—
100
kHz
Slave mode
tBUF
Bus Free Time between Start and Stop
4.7
—
—
μs
tSHLD
Bus Hold Time after Repeated Start
4.0
—
—
μs
tSU:STA
Setup Time before Repeated Start
4.7
—
—
μs
tSU:STOP
Stop Setup Time
4.0
—
—
μs
tHLD
Data Hold Time
0
—
—
ns
tSETUP
Data Setup Time
250
—
—
ns
tLOW
Clock Low Period
4.7
—
—
μs
tHIGH
Clock High Period
4.0
—
50
μs
(Note 2)
tLOW:SEXT
Message Buffering Time
—
—
10
ms
(Notes 1, 3)
tHIGH:MEXT
Message Buffering Time
—
—
10
ms
(Notes 1, 4)
tF
Clock/Data Fall Time
—
—
300
ns
(Note 5)
tR
Clock/Data Rise Time
—
—
1000
ns
(Note 5)
Note 1:
The PS810 will time-out when the cumulative message time defined from Start-to-Ack, Ack-to-Ack or
Ack-to-Stop exceeds the value of TTIMEOUT, min. of 25 ms. The PS810 will reset the communication no
later than TTIMEOUT, max. of 35 ms.
2:
tHIGH max. provides a simple, ensured method for devices to detect bus Idle conditions.
3:
tLOW:SEXT is the cumulative time a slave device is allowed to extend the clock cycles in one message from
the initial start to the stop.
4:
tHIGH:MEXT is the cumulative time a master device is allowed to extend its clock cycles within each byte of
a message as defined from Start-to-Ack, Ack-to-Ack or Ack-to-Stop.
5:
Rise and fall time is defined as follows:
tR = (VILMAX – 0.15) to (VIHMIN + 0.15)
tF = 0.9 VDD to (VILMAX – 0.15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com