Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 2 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 2 Page - Microchip Technology

  PS810 Datasheet HTML 1Page - Microchip Technology PS810 Datasheet HTML 2Page - Microchip Technology PS810 Datasheet HTML 3Page - Microchip Technology PS810 Datasheet HTML 4Page - Microchip Technology PS810 Datasheet HTML 5Page - Microchip Technology PS810 Datasheet HTML 6Page - Microchip Technology PS810 Datasheet HTML 7Page - Microchip Technology PS810 Datasheet HTML 8Page - Microchip Technology PS810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
PS810
DS21904C-page 2
© 2006 Microchip Technology Inc.
TABLE 1-1:
PS810 QFN PIN SUMMARY
TABLE 1-2:
PS810 TSSOP PIN SUMMARY
FIGURE 1-1:
PS810 INTERNAL BLOCK DIAGRAM
Pin#
Pin Name
Description
1
NTC/IO2
External NTC input or GPIO
2VCOIN/IO3
Coin cell monitor input or GPIO
3VFILTER
Power supply filter cap
4MCLR
Master Clear
5
VC1
Cell voltage input
6
N/C
No connect
7
N/C
No connect
8ROSC
Oscillator bias resistor
9
SR
Sense resistor input
10
GND
Power supply ground
11
IO4
General purpose IO
12
IO5
General purpose IO
13
IO6
General purpose IO
14
SDA/SPS
SMBus data/one-wire serial line
15
SCL/IO0
SMBus clock or GPIO0
16
IO1
General purpose IO
Pin#
Pin Name
Description
1
SCL/IO0
SMBus clock or GPIO
2
IO1
General purpose IO
3
NTC/IO2
External NTC input or GPIO
4VCOIN/IO3
Coin cell monitor input or GPIO
5VFILTER
Power supply filter cap
6MCLR
Master Clear
7
VC1
Cell voltage input
8ROSC
Oscillator bias resistor
9
SR
Sense resistor input
10
GND
Power supply ground
11
IO4
General purpose IO
12
IO5
General purpose IO
13
IO6
General purpose IO
14
SDA/SPS
SMBus data/one-wire serial line
4K x 16 Flash
4K x 16 Flash
512-byte RAM/
Registers
512-byte RAM/
Registers
Voltage
Reference and
Temp Sensor
Voltage
Reference and
Temp Sensor
Voltage
Regulator
Voltage
Regulator
Comm
Interface
Comm
Interface
PIC18F
Microcontroller
PIC18F
Microcontroller
15-bit + sign
Sigma-Delta
Integrating
A/D Converter
15-bit + sign
Sigma-Delta
Integrating
A/D Converter
Analog
Input Mux
Analog
Input Mux
Run
Oscillator
Run
Oscillator
VC1
ROSC
GND
Digital Section
Analog Section
Control and Status
Control and Status
SCL
VCOIN
SDA/SPS
Sleep
Oscillator
Sleep
Oscillator
IO0
Input/Output
Input/Output
NTC
SR
IO1
IO2
IO5
IO4
IO3
IO6
MCLR
VFILTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com