Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 11 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PS810 Datasheet HTML 7Page - Microchip Technology PS810 Datasheet HTML 8Page - Microchip Technology PS810 Datasheet HTML 9Page - Microchip Technology PS810 Datasheet HTML 10Page - Microchip Technology PS810 Datasheet HTML 11Page - Microchip Technology PS810 Datasheet HTML 12Page - Microchip Technology PS810 Datasheet HTML 13Page - Microchip Technology PS810 Datasheet HTML 14Page - Microchip Technology PS810 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 11
PS810
TABLE 3-3:
OPERATIONAL MODE PARAMETERS
Parameter
Name
#
Bytes
Units
Typical
Value
Operational Description
SleepVoltage
2
mV
2700
The pack voltage at which the PS810 will enter Low-Voltage
Sleep mode.
PwrConsumSleep
1
1/256 mA
7
The average current that the battery module typically draws
from the battery while in Low-Power mode.
PowerModes
1
bitmap
b00000101 bit 5:
1
= Bus Inactive mode, always uses Ultra Low-Power
mode until first bus communication after POR
0
= Disable Bus Inactive Low-Power mode
bit 4:
1
= Enable Bus Inactive Low-Power mode
0
= Disable Bus Inactive Low-Power mode
bit 3:
1
= Use Ultra Low-Power mode as Bus Inactive Low-Power
mode (no self-discharge calculations)
0
= Use Low-Power mode with self-discharge calculations as
Bus Inactive Low-Power mode
bit 2:
1
= Require NullCurr for Bus Inactive Low-Power mode and
Low-Voltage Sleep mode
0
=No NullCurr requirement for Sleep modes
bit 1:
1
= Use Ultra Low-Power mode as Low-Voltage Sleep mode
0
= Use Low-Power mode as Low-Voltage Sleep mode
bit 0:
1
= Set remcap to zero when entering Low-Voltage Sleep mode
0
= Do not change remcap when entering Low-Voltage Sleep
mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com