Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 33 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PS810 Datasheet HTML 29Page - Microchip Technology PS810 Datasheet HTML 30Page - Microchip Technology PS810 Datasheet HTML 31Page - Microchip Technology PS810 Datasheet HTML 32Page - Microchip Technology PS810 Datasheet HTML 33Page - Microchip Technology PS810 Datasheet HTML 34Page - Microchip Technology PS810 Datasheet HTML 35Page - Microchip Technology PS810 Datasheet HTML 36Page - Microchip Technology PS810 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 33
PS810
ConfigEOCD
1
bitmap
10011111
Bit coded as follows:
Bit
Function
7
Limit remaining capacity to FCC
6Unused
5
Trigger EOC on average current
4
Trigger EOC on taper current
3
Disallow multiple EODs
2
Limit capacity to EODCap until EOD
1
Set capacity to residual capacity at VEOD
0
Learn FCC at VEOD
COTempE
2
signed word
21198
Correction offset for external temperature.
COTempI
2
signed word
21198
Correction offset for internal temperature.
Cycles
2
integer
0
Battery data register for CycleCount. Cycles is updated to
keep track of the total usage of the battery. Cycles is
increased whenever an amount of charge has been
removed from the battery, equivalent to the full capacity.
DesignCapacity
2
mAh
2200
Battery data value for DesignCapacity. This is the first capacity
loaded into the FullChargeCapacity upon initial power-up.
DevID
2
hex word
AAAA
Battery data value for DeviceID (2-byte hex word).
EOCCurAvg
2
mA
200
EOC trigger for pulse charging. If the average current during
charging has dropped below the threshold for a pass count
equal to EOCRecheck, the End-Of-Charge state will be
reached.
EOCRecheck
1
op cycles
6
Number of checks before EOC trigger. The End-Of-Charge
conditions must remain for at least this number of periods
before being considered true.
EOCVolt
2
mV
4150
EOC trigger cell voltage. When the cell reaches this voltage,
the PS810 will start monitoring the current to determine
when the battery is full. When the current is in the proper
range and the cell voltage is greater than EOCVolt, then the
FULLY_CHARGED bit in BatteryStatus will be set.
EODCap
2
mAh
100
Reserve remaining capacity at EOD.
EODRecheck
1
op cycles
8
Recheck period for EOD. Voltage must be below VEOD for
this many measurement periods.
FDBVersion
1
integer
—
Flash data block version.
FLAGS1
1
bitmap
00100000
Bit coded as follows:
Bit
Function
7
Unused
6
Unused
5
Int/Ext temperature
4
Disable Sleep in main Idle mode
3
Unused
2
Disable safety GPIO
1
Unused
0
Unused
FullCapacity
2
mAh
2200
Learned value of battery capacity. Used for battery data value
of FullChargeCapacity. This is a learned parameter which is
the equivalent of all charge counted from fully charged to fully
discharged, including self-discharge and error terms. This is
reset after a learning cycle and used for remaining capacity
and relative State-Of-Charge calculations.
TABLE 9-1:
ALPHABETICAL LISTING OF PARAMETERS (CONTINUED)
Parameter
Name
# Bytes
Units
Typical
Value
Operational Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com