Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 1 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 1 Page - Microchip Technology

  PS810 Datasheet HTML 1Page - Microchip Technology PS810 Datasheet HTML 2Page - Microchip Technology PS810 Datasheet HTML 3Page - Microchip Technology PS810 Datasheet HTML 4Page - Microchip Technology PS810 Datasheet HTML 5Page - Microchip Technology PS810 Datasheet HTML 6Page - Microchip Technology PS810 Datasheet HTML 7Page - Microchip Technology PS810 Datasheet HTML 8Page - Microchip Technology PS810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 1
PS810
Hardware Features
• Highly accurate fuel gauge for single cell Li Ion
applications
• Algorithms are implemented using an embedded
PIC18 low-power microcontroller with 16-bit
instruction set
• Reports current, voltage and temperature utilizing a
programmable 8 to15-bit + sign, sigma-delta ADC
• Host communication accomplished through an
industry standard SMBus interface or an
alternative single pin serial interface
• I/O pins are available to provide functions such as
digital GPIO, coin cell voltage measurement and
thermistor input
• Integrated temperature sensor and regulator
minimize external components
• Embedded fuel gauge algorithms and application
specific parameters are stored in a 4K x 16 Flash
memory
• 512 bytes of RAM are available for temporary
storage of battery parameters
Software Features
• Provides battery status, such as average time to empty,
relative State-Of-Charge and battery State-Of-Health
• In-system offset calibration compensates for
offset error in current measurement
Package Features
• 16-pin QFN package or 14-pin TSSOP package
•-20°C to +85°C operating temperature range
Pin Description
1.0
PRODUCT OVERVIEW
The PS810 is a fuel gauge for one-cell Li Ion or Li Poly-
mer applications. The device provides the host and the
system user with critical battery information, such as
voltage, current, temperature, run time, State-Of-Charge
and State-Of-Health. This information is available
through an industry standard SMBus or an alternative
Single Pin Serial interface. Advanced fuel gauge
algorithms are stored in on-board Flash memory and
executed by the industry recognized PIC18 micro-
controller. These algorithms include compensation
factors which optimize the performance of the battery for
a specific application and operating environment.
Compensation is included for the effects of temperature,
discharge rate, charge rate and battery aging.
To provide precise measurements of current, voltage and
temperature, the PS810 integrates a highly accurate
15-bit + sign, sigma-delta A/D converter. Based upon
operating conditions, this programmable converter can be
configured to measure specific battery parameters with a
resolution of 8 to 15 bits + sign. Precision measurements
combined with advanced algorithms provide accurate
indications of capacity, run time, State-Of-Health and
safety and charge/discharge conditions.
The ability to operate directly from a single Li Ion or Li
Polymer cell minimizes the need for external compo-
nents, such as a voltage regulator and voltage divider.
To further limit external circuitry and enhance accuracy,
the PS810 provides an integrated temperature sensor
and oscillator.
IO4
GND
NTC/IO2
1
2
3
4
56
7
16 15 14 13
12
11
10
PS810
8
9
IO5
16-pin QFN (4 mm x 4 mm)
VCOIN/IO3
VFILTER
MCLR
SR
2
NTC/IO2
SDA/SPS
GND
SR
MCLR
VC1
IO6
IO5
VCOIN/IO3
VFILTER
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IO4
ROSC
SCL/IO0
IO1
14-pin TSSOP
Li Ion Single Cell Fuel Gauge


Similar Part No. - PS810

ManufacturerPart #DatasheetDescription
logo
NEC
PS8101 NEC-PS8101 Datasheet
101Kb / 3P
NECs HIGH NOISE REDUCTION HIGH SPEED ANALOG OUTPUT 5 PIN SOP OPTOCOUPLER
PS8101 NEC-PS8101 Datasheet
126Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
California Eastern Labs
PS8101 CEL-PS8101 Datasheet
209Kb / 14P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
logo
Renesas Technology Corp
PS8101 RENESAS-PS8101 Datasheet
250Kb / 16P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE
PS8101 RENESAS-PS8101 Datasheet
258Kb / 16P
1 Mbps HIGH CMR ANALOG OUTPUT TYPE 5-PIN SOP (SO-5) PHOTOCOUPLER
More results

Similar Description - PS810

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2790 MAXIM-DS2790 Datasheet
388Kb / 41P
Programmable 1-Cell Li-Ion Fuel Gauge and Protector
REV: 080206
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Maxim Integrated Produc...
DS2790 MAXIM-DS2790_V01 Datasheet
495Kb / 41P
Programmable 1-Cell Li-Ion Fuel Gauge and Protector
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com