Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 17 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 17 Page - Microchip Technology

Back Button PS810 Datasheet HTML 13Page - Microchip Technology PS810 Datasheet HTML 14Page - Microchip Technology PS810 Datasheet HTML 15Page - Microchip Technology PS810 Datasheet HTML 16Page - Microchip Technology PS810 Datasheet HTML 17Page - Microchip Technology PS810 Datasheet HTML 18Page - Microchip Technology PS810 Datasheet HTML 19Page - Microchip Technology PS810 Datasheet HTML 20Page - Microchip Technology PS810 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 17
PS810
FLAGS1
1
bitmap
b00100000 Bit coded as follows:
Bit
Function
7Unused
6Unused
5
Int/Ext temperature
4
Disable Sleep in main Idle mode.
3Unused
2
Disable safety GPIO
1Unused
0Unused
RemCapDelta
1
1/4 mAh
2
Maximum change in remaining capacity per measurement
period.
EODRecheck
1
integer
8
Recheck period for EOD. Voltage must be below VEOD for this
many measurement periods.
ClrFullyDischrg
1
%
10
Reset FULLY_DISCHARGED bit, 100 = 100%. Once fully
discharged bit is set, it will stay set until capacity rises above
this value, typically 10%.
EODCap
2
mAh
100
Capacity remaining in battery at EOD. Remaining capacity is
loaded with EODCap at EOD.
FullCapacity
2
mAh
2200
Learned value of battery capacity. Used for battery data value
of FullChargeCapacity. This is a learned parameter, which is
the equivalent of all charge counted from fully charged to fully
discharged, including self-discharge and error terms. This is
reset after a learning cycle and used for remaining capacity and
relative State-Of-Charge calculations.
RLCycles
1
integer
2
The number of initial cycles without a relearn limit. Normally, full
charge capacity will change by a maximum of 256 mAh when
relearned. Since FullCapacity can vary greatly with the first
learning cycle, the initial capacity may not be correct; thus, this
should be set to at least 2.
TEOD
7
(°Celsius * 10
+ 200)/4
5, 20, 35,
50, 80,
113, 150
EOD temperature boundaries – 8 increasing values of
temperature coded as: TEODx = (°Celsius * 10 + 200)/4.
CEOD
7
1/64 C
19, 32, 48,
64, 77, 90,
109
EOD C-rate boundaries – 8 increasing values of C-rates coded
as: CEODx = C-rate * 64.
FCCP
8
255 = 100%
50, 25, 12,
8, 0, 0,
0, 0
Unusable residual capacity before save to disk, corresponding
to temperature, 255 = 100%.
VEODOffset
2
mV
2700
Baseline for VEOD formula.
VEOD
64
voltage –
VEODOffset/4
75
End-Of-Discharge voltage, voltage = VEODOffset + 4 * VEOD.
Cell voltage at which save to disk is signaled.
AgeFactor
1
0.125 mV
1
Scale factor for EOD voltages due to aging (in units of .125 mV),
VEODaged = VEOD – (CycleCount * .125 * AgeFactor).
VEODCoin
2
mV
2500
Voltage at which coin cell is determined to be empty.
TABLE 4-3:
CAPACITY MONITORING PARAMETERS (CONTINUED)
Parameter
Name
# of
Bytes
Units
Typical
Value
Operational Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com