Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 8 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PS810 Datasheet HTML 4Page - Microchip Technology PS810 Datasheet HTML 5Page - Microchip Technology PS810 Datasheet HTML 6Page - Microchip Technology PS810 Datasheet HTML 7Page - Microchip Technology PS810 Datasheet HTML 8Page - Microchip Technology PS810 Datasheet HTML 9Page - Microchip Technology PS810 Datasheet HTML 10Page - Microchip Technology PS810 Datasheet HTML 11Page - Microchip Technology PS810 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
PS810
DS21904C-page 8
© 2006 Microchip Technology Inc.
FIGURE 3-1:
COCurr AND CFCurr
VALUE RELATIONSHIP
3.1.2
AUTO-OFFSET COMPENSATION
Accuracy drift is prevented using an automatic auto-
zero self-calibration method which zeros the current
measurement circuit periodically at a programmable
rate. This feature can correct for drift in temperature
during operation. The Auto-Offset Compensation
circuit works internally by disconnecting the RS input
and internally shorting it to GND to measure the zero
input offset. Furthermore, the calibration factor, COD,
contains the offset factor external to the IC, offset due
to the circuit board, system, etc. COD is added to the
internal offset calculated by the auto-offset cycle to
determine the full offset, COCurr.
3.1.3
VOLTAGE MEASUREMENTS
The A/D input channel for cell voltage measurement is
the VC1 pin. Measurements are taken each measure-
ment period when the A/D is active. The maximum
voltage at the VC1 pin is 5.5V, but voltages above 4.5V
are not suggested since this will saturate the A/D. The
cell voltage is measured with an integration method to
reduce any sudden spikes or fluctuations. The A/D
uses a default of 11-bit plus sign resolution for these
measurements.
The VC1 input circuit contains an internal resistive
divider to reduce the external voltage input to a range
that the internal A/D circuit can accommodate (300 mV
maximum). The divider is 15 to 1 based on a maximum
cell voltage of 4.5 volts. The voltage divider is only
connected
to
ground
when
the
actual
voltage
measurement is occurring.
CFVoltage is the “Correction Factor for Pack Voltage”
which compensates for any variance in the actual A/D
response versus an ideal A/D response over varying
voltage inputs. In-circuit calibration of the voltage is
done at the time of manufacture to obtain accuracy in
addition to high resolution. Cell voltage measurements
can be accurate to within ±20 mV.
3.1.4
TEMPERATURE MEASUREMENTS
The A/D can measure temperature from the internal
temperature
sensor
or
an
external
thermistor
connected to the NTC pin. The A/D uses a default of
11-bit
plus
sign
resolution
for
the
temperature
measurements.
A standard 10 kOhms at 25°C Negative-Temperature-
Coefficient (NTC) device of the 103ETB type is
suggested for the optional external thermistor. One leg
of the NTC should be connected to the NTC pin and the
other to ground.
A linearization algorithm is used to convert the voltage
measurement seen at the NTC pin to a temperature
value. The external thermistor should be placed as
close as possible to the battery cells and should be
isolated from any other sources of heat that may affect
its operation.
Calibration of the temperature measurements involves
a correction factor and an offset exactly like the current
measurement. The internal temperature measurement
makes use of correction factor, CFTempI and offset,
COTempI, while the NTC pin for the optional external
thermistor makes use of correction factor, CFTempE.
Ideal A/D Response
Actual A/D
Response
CFCurr
COCurr
Raw Measurement
Actual Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com