Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 43 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 43 Page - Microchip Technology

Back Button PS810 Datasheet HTML 38Page - Microchip Technology PS810 Datasheet HTML 39Page - Microchip Technology PS810 Datasheet HTML 40Page - Microchip Technology PS810 Datasheet HTML 41Page - Microchip Technology PS810 Datasheet HTML 42Page - Microchip Technology PS810 Datasheet HTML 43Page - Microchip Technology PS810 Datasheet HTML 44Page - Microchip Technology PS810 Datasheet HTML 45Page - Microchip Technology PS810 Datasheet HTML 46Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 43 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 43
PS810
16-Lead Plastic Quad Flat No Lead Package (ML) 4x4x0.9 mm Body (QFN) – Saw Singulated
2
1
n
D
E
E1
D1
e
b
L
A
A1
A3
EXPOSED
METAL
PAD
OPTIONAL
INDEX
AREA
Contact Width
*Controlling Parameter
Drawing No. C04-127
Notes:
JEDEC equivalent: MO-220
b
.010
.012
.014
0.25
0.30
0.35
Pitch
Number of Pins
Overall Width
Standoff
Overall Length
Overall Height
MAX
Units
Dimension Limits
A1
D
E
n
e
A
.000
INCHES
.026 BSC
MIN
16
NOM
MAX
.002
0.00
4.00
MILLIMETERS*
.039
MIN
16
0.65 BSC
NOM
0.05
1.00
0.90
.035
.001
0.02
Contact Length
L
.012
.016
.020
0.30
0.40
0.50
E2
D2
Exposed Pad Width
Exposed Pad Length
.100
.106
.110
2.55
2.70
2.80
.031
0.80
3.85
4.15
.163
.157
.152
.152
.157
4.00
.163
3.85
4.15
.100
.106
2.70
.110
2.55
2.80
Revised 04-24-05
Contact Thickness
A3
.008 REF
0.20 REF
TOP VIEW
BOTTOM VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com