Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 4 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 4 Page - Microchip Technology

  PS810 Datasheet HTML 1Page - Microchip Technology PS810 Datasheet HTML 2Page - Microchip Technology PS810 Datasheet HTML 3Page - Microchip Technology PS810 Datasheet HTML 4Page - Microchip Technology PS810 Datasheet HTML 5Page - Microchip Technology PS810 Datasheet HTML 6Page - Microchip Technology PS810 Datasheet HTML 7Page - Microchip Technology PS810 Datasheet HTML 8Page - Microchip Technology PS810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
PS810
DS21904C-page 4
© 2006 Microchip Technology Inc.
1.2
Bill of Materials
TABLE 1-3:
PS810 BILL OF MATERIALS
ID
Part Number
Symbol
Description
Mftr.
Mftr. PN
Supplier
Supplier PN
Qty
1
04-826197 Rev. 1.1
Raw PCB, PS8110
Microchip
04-826197 Rev. 1.1
Microchip
04-826197 Rev. 1.1
1
2
CC-0402-10X7R25-1.0NF-01
C10
Capacitor, Ceramic, 1.0 nF,
25V, +/-10%, X7R dielectric,
0402
Panasonic
ECJ-0EB1E102K
Digikey
PCC102BQCT-ND
1
3
CC-0603-10X7R16-100NF-01
C2, C3,
C5, C32
Capacitor, Ceramic, 100 nF,
16V, +/-10%, X7R dielectric,
0603
Panasonic
ECJ-1VB1C104K
Digikey
PCC1762CT-ND
4
4
DZ-SOT323-10D-CMSZDA5V6-01 D1
Dual Zener Diode, 5.6V,
+/-10%, 200 mW,
common anode, SOT-323
Central Semi.
Diodes Inc.
CMSZDA5V6
AZ23C5V6W-7
Central Semi.
Diodes Inc.
CMSZDA5V6
AZ23C5V6W-7
1
5
QM-TSSOP844-DN-TPCS8209-01 Q1
MOSFET, dual N-channel
Enhancement mode, 20V,
5A, TSSOP-8/4.4 mm body
width package
Toshiba
TPCS8209(TE12L)
Digikey
TPCS8209CT-ND
1
6
RF-0402-5-20-01 (Note 1)
R14, R15
Resistor, film, 0402, 5%,
20 ohms
Panasonic
ERJ-2GEJ200X
Digikey
P20JCT-ND
2
7
RF-0402-5-20K-01 (Note 1)
R4
Resistor, film, 0402, 5%,
20 kOhms
Panasonic
ERJ-2GEJ203X
Digikey
P20KJCT-ND
1
8
RF-0603-ITC25-221K-01 (Note 1)
R8
Resistor, film, 0603, 1%,
232 kOhms, 25 ppm TC
Susumu Co.
Ltd.
RR0816P-2213-D-34D
Digikey
RR08P221KDCT-ND
1
9
RF-0603-5-1.0K-01 (Note 1)
R31
Resistor, film, 0603, 5%,
1.0 kOhms
Panasonic
ERJ-3GEYJ102V
Digikey
P1.0KGCT-ND
1
10 RF-0603-5-470-01 (Note 1)
R32
Resistor, film, 0603, 5%,
470 ohms
Panasonic
ERJ-3GEYJ471V
Digikey
P470GCT-ND
1
11 RF-0805-5-20-01 (Note 1)
R5
Resistor, film, 0805, 5%,
20 ohms
Panasonic
ERJ-6GEYJ200V
Digikey
P20ACT-ND
1
12 RF-0805-5-240-01 (Note 1)
R2, R20,
R21
Resistor, film, 0805, 5%,
240 ohms
Panasonic
ERJ-6GEYJ241V
Digikey
P240ACT-ND
3
13 RF-1206-1-0.029-01 (Note 1)
R9
Resistor, metal strip, 1206,
1%, 0.020 ohms
Vishay
WSL1206-0.020-1%-R86 Vishay
WSL1206-0.020-1%-R86
1
14 UM-SOT235-4085-
S8241ABPMCGBPT2-01
U2
IC, Battery Protection Circuit,
Li Ion, 1-cell, -40°C to +85°C,
SOT23-5 package
Seiko
Instruments
S-8241ABPMC-GBP-T2
(Note 2)
Seiko
Instruments
S-8241ABPMC-GBP-T2
(Note 2)
1
15 UM-QFN164X4-2085-PS810-01
U1
IC, Low-Voltage Fuel Gauge,
-20°C to +85°C, QFN-16/
4.0x4.0 mm package
Microchip
PS810
Microchip
PS810
1
Note
1:
Resistor sizes shown are minimum recommended sizes for the application.
2:
Other variants of the S-8241A series, with different trip points, are also available. Consult the S-8241A series data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com