Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 35 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 35 Page - Microchip Technology

Back Button PS810 Datasheet HTML 31Page - Microchip Technology PS810 Datasheet HTML 32Page - Microchip Technology PS810 Datasheet HTML 33Page - Microchip Technology PS810 Datasheet HTML 34Page - Microchip Technology PS810 Datasheet HTML 35Page - Microchip Technology PS810 Datasheet HTML 36Page - Microchip Technology PS810 Datasheet HTML 37Page - Microchip Technology PS810 Datasheet HTML 38Page - Microchip Technology PS810 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 35
PS810
RemCap
2
mAh
440
The initial capacity of the battery. When the PS810 is first
powered up and initialized, before a learning cycle takes
place to learn the full capacity, the full capacity will take the
value programmed into RemCap to compute relative
State-Of-Charge percentage.
RemCapDelta
1
1/4 mAh
2
Maximum change in remaining capacity per measurement
period.
RLCycles
1
integer
2
The number of initial cycles without a relearn limit. The initial
number of cycles where the relearn limit is not active.
Normally, full charge capacity will change by a maximum of
256 mAh when relearned. Since FullCapacity can vary
greatly with the first learning cycle, the initial capacity may
not be correct; thus, this should be set to at least 2.
SerialNumber
2
integer
–
Battery data value for SerialNumber. The serial number of
the battery pack can be programmed here and retrieved with
the battery data SerialNumber command.
SleepVoltage
2
mV
2700
The pack voltage at which the PS810 will enter Low-Voltage
Sleep mode.
StableCurr
1
mA
50
EOC trigger current deviation level. In order to prevent cur-
rent spikes from causing a premature taper current trigger,
the average current and the instantaneous current must be
within StableCurr of each other for the End-Of-Charge to
trigger on the taper current.
TaperCRate
1
1/64 C
3
Upper limit EOC taper current, 64 = 1C.
TaperLow
1
1/64 C
1
Lower limit EOC taper current, 64 = 1C.
UserDataLen
1
bytes
2
Number of bytes read by UserData SMBus command.
VEODCoin
2
mV
2500
Empty voltage of coin cell.
VEODOffset
2
mV
2700
Base voltage for VEOD look-up table.
TABLE 9-1:
ALPHABETICAL LISTING OF PARAMETERS (CONTINUED)
Parameter
Name
# Bytes
Units
Typical
Value
Operational Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com