Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 34 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 34 Page - Microchip Technology

Back Button PS810 Datasheet HTML 30Page - Microchip Technology PS810 Datasheet HTML 31Page - Microchip Technology PS810 Datasheet HTML 32Page - Microchip Technology PS810 Datasheet HTML 33Page - Microchip Technology PS810 Datasheet HTML 34Page - Microchip Technology PS810 Datasheet HTML 35Page - Microchip Technology PS810 Datasheet HTML 36Page - Microchip Technology PS810 Datasheet HTML 37Page - Microchip Technology PS810 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
PS810
DS21904C-page 34
© 2006 Microchip Technology Inc.
HighTempAl
1
coded byte
200
OVER_TEMP_ALARM bit threshold,
Coded Value = (°Celsius * 10 + 200)/4.
MFGDate
2
coded hex
word
0x3246
Battery data value for ManufactureDate. The date of
manufacture of the battery pack can be programmed
here and retrieved with the battery data
ManufactureDate command,
Coding: Date = (Year-1980) x 512 + Month x 32 + Day.
MFGID
2
hex word
–
Value for ManufacturerID (2-byte hex word).
NChangeState
1
op cycles
2
State change delay filter. Delays the change between
“charge increasing” state and “charge decreasing” state
based on current direction. To avoid problems with current
spikes in opposite directions, a delay filter is built in to
control when to change from charging status to discharging
status. The current must change directions and stay in the
new direction for NChangeState periods before the status is
changed and capacity is increased or decreased as a result
of the new current direction.
NullCurr
1
mA
3
A zero zone control is built into the PS810 so that any
electrical noise doesn’t actually drain the gas gauge, when
in fact, the current is zero. For this reason, current less than
NullCurr mA in either direction will be measured as zero.
OscCal
1
integer
206
RC oscillator trimming.
PowerModes
1
bitmap
b00000101
bit 4:
1
= Enable Bus Inactive Low-Power mode
0
= Disable Bus Inactive Low-Power mode
bit 3:
1
= Use Ultra Low-Power mode as Bus Inactive Low-Power
mode (no self-discharge calculations)
0
= Use Low-Power mode with self-discharge calculations
as Bus Inactive Low-Power mode
bit 2:
1
= Require NullCurr for Bus Inactive Low-Power mode
and Low-Voltage Sleep mode
0
=No NullCurr requirement for Sleep modes
bit 1:
1
= Use Ultra Low-Power mode as Low-Voltage Sleep
mode
0
= Use Low-Power mode as Low-Voltage Sleep mode
bit 0:
1
= Set remcap to zero when entering Low-Voltage Sleep
mode
0
= Do not change remcap when entering Low-Voltage
Sleep mode
PW1
2
integer
–
First password for the battery pack lock.
PW2
2
integer
–
Second password for the battery pack lock.
PwrConsumption
1
1/256 mA
31
Current consumption of the battery module. This is the
average current that the battery module typically draws from
the battery (255 = 1 mA).
PwrConsumSleep
1
1/256 mA
7
Current consumption of battery module when in Sleep
mode.
RefCal
1
integer
0
Reference voltage calibration factor.
TABLE 9-1:
ALPHABETICAL LISTING OF PARAMETERS (CONTINUED)
Parameter
Name
# Bytes
Units
Typical
Value
Operational Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com