Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PS810 Datasheet(PDF) 5 Page - Microchip Technology

Part # PS810
Description  Li Ion Single Cell Fuel Gauge
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS810 Datasheet(HTML) 5 Page - Microchip Technology

  PS810 Datasheet HTML 1Page - Microchip Technology PS810 Datasheet HTML 2Page - Microchip Technology PS810 Datasheet HTML 3Page - Microchip Technology PS810 Datasheet HTML 4Page - Microchip Technology PS810 Datasheet HTML 5Page - Microchip Technology PS810 Datasheet HTML 6Page - Microchip Technology PS810 Datasheet HTML 7Page - Microchip Technology PS810 Datasheet HTML 8Page - Microchip Technology PS810 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
© 2006 Microchip Technology Inc.
DS21904C-page 5
PS810
2.0
ARCHITECTURAL OVERVIEW
The PS810 contains a complete analog “front-end” for
battery monitoring as well as an embedded micro-
controller,
with
supporting
memory,
for
control,
measurement
accumulation,
calculation
and
communications. Major functions within the PS810
include:
• Voltage Regulator
• Precision Time Base
• Temperature Sensor
• 4K x 16 Flash Memory
• 512-byte RAM Memory
• 15-bit plus sign Analog-to-Digital (A/D) Converter
•SMBus/I2C™ or Single Pin Serial
Communications Interface
• PIC18 Microcontroller
Figure 1-1 is a block diagram of the internal circuitry of
the PS810. Figure 1-2 is a schematic diagram that
depicts the PS810 in a typical single cell lithium ion
application. The function of each of the blocks listed
above is summarized in the following sections.
2.1
Internal Voltage Regulator
The PS810 incorporates an internal voltage regulator
that supports 1-cell lithium pack configurations. The
internal regulator draws power directly from the VC1
input. No other external components are required to
regulate circuit voltage.
2.2
Precision Time Base
The integrated precision time base is a highly accurate
RC oscillator that provides precise timing for the sigma-
delta A/D and for the on-chip elapsed time counters
without the need for an external crystal. This time base
is
trimmed
during
manufacturing
to
a
nominal
frequency of 512 kHz.
2.3
Temperature Sensor
An integrated temperature sensor is provided that can
eliminate the need for an external thermistor. As an
option, a connection is provided for an external
thermistor for applications where the battery cell is
physically separated from the PS810.
2.4
Flash Memory
4K x 16 of Flash memory is incorporated for storage of
nonvolatile parameters, such as PowerSmart® 3D cell
models, fuel gauge algorithms and application specific
data.
2.5
RAM Memory
512 bytes of general purpose RAM memory is provided
for storage of temporary parameters.
2.6
A/D Converter
The PS810 incorporates an integrating sigma-delta
A/D converter together with an analog that has inputs
for charge and discharge current, cell voltage, coin cell
voltage, the on-chip temperature sensor and an off-chip
thermistor. The converter can be programmed to per-
form a conversion with resolutions of 8 to 15 bits + sign,
while utilizing either a single-ended +300 mV or a
differential ±150 mV reference.
2.7
SMBus/I2C™ or Single Pin Serial
Communications Interface
This communications port for the PS810 is selectable
as a 2-pin industry standard SMBus/I2C or a single pin
interface. All commands, status and data are read or
written from the host system via this interface.
2.7.1
SMBus/I2C
The two pin communication interface uses one clock
pin and one data pin and is compatible with the industry
standard System Management Bus (SMBus) and the
Inter IC Communication Bus (I2C).
2.7.2
SINGLE PIN SERIAL INTERFACE
The Single Pin Serial (SPS) interface consists of one pin
only: the SDA/SPS pin (pin 14). This communication is
an asynchronous return-to-one protocol. The timing of
the driven low pulses defines the communication.
2.8
PIC18 Microcontroller
The PIC18 is a high-performance, CMOS, fully static
8-bit microcontroller. The PIC18 employs an advanced
RISC architecture. This device has enhanced core
features, such as 31 level deep stack and multiple
internal and external interrupt sources. The separate
instruction and data buses of the Harvard architecture
allow a 16-bit wide instruction word with a separate 8-bit
wide data bus. The two-stage instruction pipeline allows
all instructions to execute in a single cycle, except for
program branches, which require two cycles. A total of
75 instructions are available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com