Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRC63201T/0FE Datasheet(PDF) 159 Page - NXP Semiconductors

Part # CLRC63201T/0FE
Description  Multiple Protocol Contactless Reader IC
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

CLRC63201T/0FE Datasheet(HTML) 159 Page - NXP Semiconductors

Back Button CLRC63201T/0FE Datasheet HTML 155Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 156Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 157Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 158Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 159Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 160Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 161Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 162Page - NXP Semiconductors CLRC63201T/0FE Datasheet HTML 163Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 159 / 163 page
background image
Philips Semiconductors
Product Specification Rev. 3.0; May 2003
Multiple Protocol Contactless Reader IC
CL RC632
159
Confidential
24 ESD SPECIFICATION
To ensure the usage of the CL RC632 during production the ICs is specified as described in the following
table.
TEST
NAME
CONDITIONS
MAX
ESDH
ESD Susceptibility (Human
body model)
1500
Ω, 100 pF
1 kV
ESDM
ESD Susceptibility (Machine
model)
0.75
µH, 200 pF
100 V
Table 24-1. ESD Specification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com