Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 62 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 62 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 58Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 59Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 60Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 61Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 62Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 63Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 64Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 65Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 66Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
62
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 23 lists digital I/O characteristics for all pins except the MII, XI/XO, and LED/CFG pins.
Table 24 lists digital I/O characteristics for the MII pins.
Table 23. Digital I/O Characteristics (Except for MII, XI/XO, and LED/CFG Pins)
Parameter
Sym
Min
Typ2
Max
Units
Test Conditions
Input Low voltage
VIL
––
0.8
V
–
Input High voltage
VIH
2.0
–
–
V
–
Input current
II
-10
–
10
μA
0.0 < VI < VCC
Output Low voltage
VOL
––
0.4
V
IOL = 4 mA
Output High voltage
VOH
2.4
–
–
V
IOH = -4 mA
1. Typical values are at 25 °C and are for design aid only, not guaranteed, and not subject to production
testing.
Table 24. Digital I/O Characteristics1 - MII Pins
Parameter
Sym
Min
Typ2
Max
Units
Test Conditions
Input Low voltage
VIL
––
0.8
V
–
Input High voltage
VIH
2.0
–
–
V
–
Input current
II
-10
–
10
μA0.0 < VI < VCCIO
Output Low voltage
VOL
––
0.4
V
IOL = 4 mA
Output High voltage
VOH
2.2
–
–
V
IOH = -4 mA, VCCIO = 3.3 V
VOH
2.0
–
–
V
IOH = -4 mA, VCCIO = 2.5 V
Driver output resistance
(Line driver output
enabled)
RO3
–
100
–
Ω
VCCIO = 2.5 V
RO3
–
100
–
Ω
VCCIO = 3.3 V
1. MII digital I/O pins are tolerant to 5 V inputs.
2. Typical values are at 25 °C and are for design aid only, not guaranteed, and not subject to production
testing.
3. Parameter is guaranteed by design and not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com