Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 41 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 41 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 37Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 38Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 39Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 40Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 41Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 42Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 43Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 44Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
41
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.6.7.2
Internal Digital Loopback (Test Loopback)
A test loopback function is provided for diagnostic testing of the LXT972M Transceiver. During
test loopback, twisted-pair and fiber interfaces are disabled. Data transmitted by the MAC is
internally looped back by the LXT972M Transceiver and returned to the MAC.
Test loopback is available for both 100BASE-TX and 10BASE-T operation, and is enabled by
setting the following register bits:
• Register bit 0.14 = 1 (Setting to enable loopback mode)
• Register bit 0.8 = 1 (Setting for full-duplex mode)
• Register bit 0.12 = 0. (Disable auto-negotiation.)
5.7
100 Mbps Operation
5.7.1
100BASE-X Network Operations
During 100BASE-X operation, the LXT972M Transceiver transmits and receives 5-bit symbols
across the network link.
Figure 11 shows the structure of a standard frame packet in 100BASE-X mode. When the MAC is
not actively transmitting data, the LXT972M Transceiver sends out Idle symbols on the line.
As Figure 11 shows, the MAC starts each transmission with a preamble pattern. As soon as the
LXT972M Transceiver detects the start of preamble, it transmits a Start-of-Stream Delimiter (SSD,
symbols J and K) to the network. It then encodes and transmits the rest of the packet, including the
balance of the preamble, the SFD, packet data, and CRC.
Once the packet ends, the LXT972M Transceiver transmits the End-of-Stream Delimiter (ESD,
symbols T and R) and then returns to transmitting Idle symbols.
For details on the symbols used, see 4B/5B coding listed in Table 15, “4B/5B Coding” on page 46.
Figure 11. 100BASE-X Frame Format
P0
P1
P6
SFD
64-Bit Preamble
(8 Octets)
Start-of-Frame
Delimiter (SFD)
DA
DA
SA
SA
Destination and Source
Address (6 Octets each)
L1
L2
Packet Length
(2 Octets)
D0
D1
Dn
Data Field
(Pad to minimum packet size)
Frame Check Field
(4 Octets)
CRC
I0
InterFrame Gap / Idle Code
(> 12 Octets)
Replaced by
/T/R/ code-groups
End-of-Stream Delimiter (ESD)
IFG
Replaced by
/J/K/ code-groups
Start-of-Stream
Delimiter (SSD)
B3466-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com