Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 53 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 53 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 49Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 50Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 51Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 52Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 53Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 54Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 55Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 56Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 57Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
53
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.9.3
LED Functions
The LXT972M Transceiver has these direct LED driver pins: LED/CFG1, LED/CFG2, and LED/
CFG3.
On power-up, all the drivers are asserted for approximately 1 second after reset de-asserts. Each
LED driver can be programmed using the LED Configuration Register (Table 54, “LED
Configuration Register - Address 20, Hex 14” on page 87) to indicate one of the following
conditions:
• Collision Condition
• Duplex Mode
• Link Status
• Operating Speed
• Receive Activity
• Transmit Activity
The LED drivers can also be programmed to display various combined status conditions. For
example, setting Register bits 20.15:12 to ‘1101’ produces the following combination of Link and
Activity indications:
• If Link is down, LED is off. If activity is detected from the MAC, the LED still blinks even if
the link is down.
• If Link is up, LED is on.
• If Link is up and activity is detected, the LED blinks at the stretch interval selected by Register
bits 20.3:2 and continues to blink as long as activity is present.
For the LXT972M Transceiver, the LED driver pins also provide initial configuration settings. The
LED pins are sensitive to polarity and automatically pull up or pull down to configure for either
open drain or open collector circuits (10 mA Max current rating) as required by the hardware
configuration. For details, see the discussion of “Hardware Configuration Settings” on page 33.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com