Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 90 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 90 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 84Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 85Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 86Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 87Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 88Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 89Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 90Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 91Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 92Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 90 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
90
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
10.0
Intel® LXT972M Transceiver Package Specifications
Figure 35. Intel® LXT972M Transceiver LQFP Package Specifications
D
D
1
A
1
A
2
L
A
B
L
1
θ
3
θ
3
θ
E
E
1
e/
2
e
48-Pin Low-Profile Quad Flat Pack
Part Number LXT972M - Temperature Range (0ºC to +70ºC)
NOTE: The package figure is generic and used only to demonstrate package dimensions.
D
D
1
E
E
1
B3813-01
3x C0.30 (in MM) X 45
°
C0.55 (in MM) X 45
°
5.500 REF
(in MM)
Pin 1
NOTE:
The 5.500 REF measure is
from the center of first pin
to the center of last pin.
Dim
Millimeters
Min
Max
A–
1.60
A1
0.05
0.15
A2
1.35
1.45
B0.17
0.27
D8.80
9.20
D1
6.90
7.10
E8.80
9.20
E1
6.90
7.10
e0.50 BSC
1
L0.45
0.75
L1
1.00 REF
θ
3
11
o
13
o
θ
0o
7o
1. Basic Spacing between Centers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com