Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 68 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 68 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 64Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 65Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 66Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 67Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 68Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 69Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 70Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 71Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 72Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
68
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
Figure 25. Intel® LXT972M Transceiver 10BASE-T Transmit Timing
Table 33. Intel® LXT972M Transceiver 10BASE-T Transmit Timing
Parameter
Symbol
Min
Typ
1
Max
Units2
Test Conditions
TXD, TX_EN, setup to TX_CLK High
t1
10
–
–
ns
–
TXD, TX_EN, hold from TX_CLK High
t2
0
–
–
ns
–
TX_EN sampled to CRS asserted
t3
–
2
–
BT
–
TX_EN sampled to CRS de-asserted
t4
–
1
–
BT
–
TX_EN sampled to TPO out
(Tx latency)
t5
–
72.5
–
BT
–
1. Typical values are at 25 °C and are for design aid only, not guaranteed, and not subject to production
testing.
2. BT (Bit Time) is the duration of one bit as transferred to and from the MAC and is the reciprocal of the bit
rate. 10BASE-T bit time = 10
-7 s or 100 ns.
TX_CLK
TXD,
TX_EN
CRS
TPO
t1
t3
t4
t5
t2
B3461-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com