Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 17 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 17 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 13Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 14Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 15Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 16Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 17Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 18Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 19Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 20Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
17
Document Number: 302875-005
Revision Date: 27-Oct-2005
Table 5 lists signal descriptions of the LXT972M Transceiver MII controller interface pins.
Table 6 lists signal descriptions of the LXT972M Transceiver network interface pins.
Table 7 lists signal descriptions of the LXT972M Transceiver standard bus and interface signals.
Table 5.
Intel
® LXT972M Transceiver MII Controller Interface Signal Descriptions
LQFP
Pin#
Symbol
Type
Signal Description
32
MDC
I
Management Data Clock.
Clock for the MDIO serial data channel.
Maximum frequency is 8 MHz.
31
MDIO
I/O
Management Data Input/Output.
Bidirectional serial data channel for PHY/STA communication.
Table 6.
Intel
® LXT972M Transceiver Network Interface Signal Descriptions
LQFP
Pin#
Symbol
Type
Signal Description
14
15
TPOP
TPON
AO
Twisted-Pair Outputs, Positive and Negative.
During 100BASE-TX or 10BASE-T operation, TPOP/N pins drive
IEEE 802.3 compliant pulses onto the line.
17
18
TPIP
TPIN
AI
Twisted-Pair Inputs, Positive and Negative.
During 100BASE-TX or 10BASE-T operation, TPIP/N pins receive
differential 100BASE-TX or 10BASE-T signals from the line.
Table 7.
Intel® LXT972M Transceiver Standard Bus and Interface Signal Descriptions
LQFP
Pin#
Symbol
Type
Signal Description
10
11
ADDR0
ADDR1
I
Address.
Set device address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com