Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 50 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 50 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 46Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 47Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 48Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 49Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 50Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 51Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 52Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 53Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 54Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
50
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.8
10 Mbps Operation
The LXT972M Transceiver operates as a standard 10BASE-T transceiver and supports standard
10 Mbps functions. During 10BASE-T operation, the LXT972M Transceiver transmits and
receives Manchester-encoded data across the network link. When the MAC is not actively
transmitting data, the LXT972M Transceiver drives link pulses onto the line.
In 10BASE-T mode, the polynomial scrambler/de-scrambler is inactive. Manchester-encoded
signals received from the network are decoded by the LXT972M Transceiver and sent across the
MII to the MAC.
Note:
5.8.1
10BASE-T Preamble Handling
The LXT972M Transceiver offers two options for preamble handling, selected by Register bit 16.5.
• In 10BASE-T mode when Register bit 16.5 = 0, the LXT972M Transceiver strips the entire
preamble off of received packets. CRS is asserted coincident with the start of the preamble.
RX_DV is held Low for the duration of the preamble. When RX_DV is asserted, the very first
two nibbles driven by the LXT972M Transceiver are the SFD “5D” hex followed by the body
of the packet.
• In 10BASE-T mode when Register bit 16.5 = 1, the LXT972M Transceiver passes the
preamble through the MII and asserts RX_DV and CRS simultaneously. (In 10BASE-T
loopback, the LXT972M Transceiver loops back whatever the MAC transmits to it, including
the preamble.)
5.8.2
10BASE-T Carrier Sense
For 10BASE-T links, CRS assertion is based on reception of valid preamble, and CRS de-assertion
is based on reception of an end-of-frame (EOF) marker. Register bit 16.7 allows CRS de-assertion
to be synchronized with RX_DV de-assertion. For details, see Table 51, “Configuration Register -
Address 16, Hex 10” on page 84.
5.8.3
10BASE-T Dribble Bits
The LXT972M Transceiver handles dribble bits in all modes. If one to four dribble bits are
received, the nibble is passed across the MII, padded with ones if necessary. If five to seven
dribble bits are received, the second nibble is not sent to the MII bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com