Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 37 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 37 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 33Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 34Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 35Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 36Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 37Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 38Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 39Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 40Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 41Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
37
Document Number: 302875-005
Revision Date: 27-Oct-2005
5.6.1
MII Clocks
The LXT972M Transceiver is the master clock source for data transmission, and it supplies both
MII clocks (RX_CLK and TX_CLK). It automatically sets the clock speeds to match link
conditions.
• When the link is operating at 100 Mbps, the clocks are set to 25 MHz.
• When the link is operating at 10 Mbps, the clocks are set to 2.5 MHz.
Figure 7 through Figure 9 show the clock cycles for each mode.
Note:
The transmit data and control signals must always be synchronized to TX_CLK by the MAC. The
LXT972M Transceiver samples these signals on the rising edge of TX_CLK.
Figure 7. Clocking for 10BASE-T
Figure 8. Clocking for 100BASE-X
RX_CLK
2.5 MHz during auto-negotiation and 10BASE-T Data & Idle
TX_CLK
2.5 MHz during auto-negotiation and 10BASE-T Data & Idle
Constant 25 MHz
XI
B3390-01
RX_CLK
2.5 MHz during auto-negotiation
TX_CLK
Constant 25 MHz
XI
25 MHz once 100BASE-X
Link Established
2.5 MHz during auto-negotiation
25 MHz once 100BASE-X
Link Established
B3391-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com