Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FALXT972MCCA4 Datasheet(PDF) 83 Page - Intel Corporation

Part # FALXT972MCCA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MCCA4 Datasheet(HTML) 83 Page - Intel Corporation

Back Button FALXT972MCCA4 Datasheet HTML 79Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 80Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 81Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 82Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 83Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 84Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 85Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 86Page - Intel Corporation FALXT972MCCA4 Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
83
Document Number: 302875-005
Revision Date: 27-Oct-2005
9.0
Register Definitions - Product-Specific Registers
This chapter includes definitions of product-specific LXT972M Transceiver registers that are
defined in accordance with the IEEE 802.3 standard for adding unique device functions. (For
definitions of the IEEE base registers used by the LXT972M Transceiver, see Chapter 8.0,
“Register Definitions - IEEE Base Registers”.)
• Table 50 lists the register set of the product-specific registers.
• Table 51 through Table 56 provide bit descriptions of the product-specific registers (address 17
through 30).
Table 50. Register Set for Product-Specific Registers
Address
Register Name
Bit Assignments
16
Port Configuration Register
See Table 51
17
Status Register #2
See Table 52
18
Reserved
19
Status Change Register
See Table 53
20
LED Configuration Register
See Table 54
21
Reserved
22-25
Reserved
26
Digital Configuration Register
See Table 55
27
Reserved
28
Reserved
29
Reserved
30
Transmit Control Register
See Table 56
31
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com